Electronic Components Datasheet Search
  English  ▼

X  

LM75B Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM75B
Description  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM75B Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM75B Datasheet HTML 14Page - Texas Instruments LM75B Datasheet HTML 15Page - Texas Instruments LM75B Datasheet HTML 16Page - Texas Instruments LM75B Datasheet HTML 17Page - Texas Instruments LM75B Datasheet HTML 18Page - Texas Instruments LM75B Datasheet HTML 19Page - Texas Instruments LM75B Datasheet HTML 20Page - Texas Instruments LM75B Datasheet HTML 21Page - Texas Instruments LM75B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
+VS
O.S.
GND
8
3
4
LM75
C1
100 nF
+12V
+12V/300 mA
Fan Motor
R1
10k
R2
10k
Q2
NDP410A
series
Q1
2N3904
R3
10k
7
6
5
1
2
A0
A1
A2
SCL
SDA
Optional but
Recommended
Pull-up
In Stand-alone
Mode
LM75B, LM75C
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The wide temperature and supply range and I2C interface make the LM75 ideal for a number of applications
including base stations, electronic test equipment, office electronics, personal computers, and any other system
where thermal management is critical to performance.
8.2 Typical Application
8.2.1 Simple Fan Controller, Interface Optional
When using the two-wire interface: program O.S. for active high and connect O.S. directly to Q2's gate.
Figure 12. Simple Fan Controller, Interface Optional
8.2.1.1 Design Requirements
The LM75 requires a positive supply voltage of 2.7 V to 5.5 V to be applied between +Vs and GND. For best
results, bypass capacitors of 100 nF and 10 µF are recommended. Pull-up resistors of 10 k
Ω are required on
SCL and SDA.
8.2.1.2 Detailed Design Procedure
Accessing the conversion result of the LM75 consists of writing an address byte followed by retrieving the
corresponding number of data bytes. The first data byte is the most significant byte with the most significant bit
first, permitting only as much data as necessary to be read to determine temperature condition. For instance, if
the first four bits of the temperature data indicates an overtemperature condition, the host processor could
immediately take action to remedy the excessive temperatures. At the end of a read, the LM75 can accept either
Acknowledge or No Acknowledge from the Master (No Acknowledge is typically used as a signal for the slave
that the Master has read its last byte). Temperature data is two's complement format and one LSB is equivalent
to 0.5°C.
18
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM75B LM75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com