Electronic Components Datasheet Search
  English  ▼

X  

LM75B Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM75B
Description  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM75B Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM75B Datasheet HTML 15Page - Texas Instruments LM75B Datasheet HTML 16Page - Texas Instruments LM75B Datasheet HTML 17Page - Texas Instruments LM75B Datasheet HTML 18Page - Texas Instruments LM75B Datasheet HTML 19Page - Texas Instruments LM75B Datasheet HTML 20Page - Texas Instruments LM75B Datasheet HTML 21Page - Texas Instruments LM75B Datasheet HTML 22Page - Texas Instruments LM75B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
+ 5 VDC
O.S.
GND
8
3
4
LM75
R1
10k
Q1
2N2222A
K1
5V
Relay
Heater
Heater
Supply
D1
1N4001
R2
10k
7
6
5
1
2
A0
A1
A2
SCL
SDA
Optional but
Recommended
Pull-up In
Stand-alone
Mode
C1
100 nF
+VS
LM75B, LM75C
www.ti.com
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
Typical Application (continued)
8.2.1.3 Application Curve
Figure 13. Temperature Accuracy
8.3 System Examples
8.3.1 Simple Thermostat, Interface Optional
Figure 14. Simple Thermostat, Interface Optional
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM75B LM75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com