Electronic Components Datasheet Search
  English  ▼

X  

LM75B Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM75B
Description  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM75B Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM75B Datasheet HTML 17Page - Texas Instruments LM75B Datasheet HTML 18Page - Texas Instruments LM75B Datasheet HTML 19Page - Texas Instruments LM75B Datasheet HTML 20Page - Texas Instruments LM75B Datasheet HTML 21Page - Texas Instruments LM75B Datasheet HTML 22Page - Texas Instruments LM75B Datasheet HTML 23Page - Texas Instruments LM75B Datasheet HTML 24Page - Texas Instruments LM75B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
LM75B, LM75C
www.ti.com
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
9 Power Supply Recommendations
The LM75 is specified for operation from 2.7 V to 5.5 V. Place a 100-nF and 10-µF capacitor close to +Vs in
order to reduce errors coupling in from noisy or high impedance supplies.
10 Layout
10.1 Layout Guidelines
To achieve the expected results when measuring temperature with an integrated circuit temperature sensor like
the LM75, it is important to understand that the sensor measures its own die temperature. For the LM75, the best
thermal path between the die and the outside world is through the LM75's pins. In the VSSOP package for the
LM75B and LM75C, the GND pin is directly connected to the die, so the GND pin provides the best thermal path.
If the other pins are at different temperatures (unlikely, but possible), they will affect the die temperature, but not
as strongly as the GND pin. In the SOIC package, none of the pins is directly connected to the die, so they will
all contribute similarly to the die temperature. Because the pins represent a good thermal path to the LM75 die,
the LM75 will provide an accurate measurement of the temperature of the printed circuit board on which it is
mounted. There is a less efficient thermal path between the plastic package and the LM75 die. If the ambient air
temperature is significantly different from the printed circuit board temperature, it will have a small effect on the
measured temperature.
In probe-type applications, the LM75 can be mounted inside a sealed-end metal tube, and can then be dipped
into a bath or screwed into a threaded hole in a tank. As with any IC, the LM75 and accompanying wiring and
circuits must be kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may
operate at cold temperatures where condensation can occur. Printed-circuit coatings and varnishes such as
Humiseal and epoxy paints or dips are often used to insure that moisture cannot corrode the LM75 or its
connections.
10.1.1 Digital Noise Issues
The LM75B features an integrated low-pass filter on both the SCL and the SDA digital lines to mitigate the
effects of bus noise. Although this filtering makes the LM75B communication robust in noisy environments, good
layout practices are always recommended. Minimize noise coupling by keeping digital traces away from
switching power supplies. Also, ensure that digital lines containing high-speed data communications cross at
right angles to the SDA and SCL lines.
Excessive noise coupling into the SDA and SCL lines on the LM75C-specifically noise with amplitude greater
than 400 mVpp (the LM75’s typical hysteresis), overshoot greater than 300 mV above +Vs, and undershoot more
than 300 mV below GND-may prevent successful serial communication with the LM75C. Serial bus no-
acknowledge is the most common symptom, causing unnecessary traffic on the bus. The layout procedures
mentioned above apply also to the LM75C. Although the serial bus maximum frequency of communication is only
400 kHz, care must be taken to ensure proper termination within a system with long printed circuit board traces
or multiple parts on the bus. Resistance can be added in series with the SDA and SCL lines to further help filter
noise and ringing. A 5 k
Ω resistor should be placed in series with the SCL line, placed as close as possible to the
SCL pin on the LM75C. This 5 k
Ω resistor, with the 5 pF to 10 pF stray capacitance of the LM75 provides a 6
MHz to 12 MHz low pass filter, which is sufficient filtering in most cases.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM75B LM75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com