Electronic Components Datasheet Search
  English  ▼

X  

LM75B Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM75B
Description  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM75B Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM75B Datasheet HTML 9Page - Texas Instruments LM75B Datasheet HTML 10Page - Texas Instruments LM75B Datasheet HTML 11Page - Texas Instruments LM75B Datasheet HTML 12Page - Texas Instruments LM75B Datasheet HTML 13Page - Texas Instruments LM75B Datasheet HTML 14Page - Texas Instruments LM75B Datasheet HTML 15Page - Texas Instruments LM75B Datasheet HTML 16Page - Texas Instruments LM75B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
LM75B, LM75C
www.ti.com
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
7.4 Device Functional Modes
In Comparator mode the O.S. Output behaves like a thermostat. The output becomes active when temperature
exceeds the TOS limit, and leaves the active state when the temperature drops below the THYST limit. In this mode
the O.S. output can be used to turn a cooling fan on, initiate an emergency system shutdown, or reduce system
clock speed. Shutdown mode does not reset O.S. state in a comparator mode.
In Interrupt mode exceeding TOS also makes O.S. active but O.S. will remain active indefinitely until reset by
reading any register via the I2C interface. Once O.S. has been activated by crossing TOS, then reset, it can be
activated again only by Temperature going below THYST. Again, it will remain active indefinitely until being reset
by a read. Placing the LM75 in shutdown mode also resets the O.S. Output.
The LM75B always powers up in a known state. The power up default conditions are:
1. Comparator mode
2. TOS = 80°C
3. THYST = 75°C
4. O.S. active low
5. Pointer = “00”
When the supply voltage is less than about 1.7V, the LM75 is considered powered down. As the supply voltage
rises above the nominal 1.7V power up threshold, the internal registers are reset to the power up default values
listed above.
If the LM75 is not connected to the I2C bus on power up, it will act as a stand-alone thermostat with the power up
default conditions listed above. It is optional, but recommended, to connect the address pins (A2, A1, A0) and
the SCL and SDA pins together and to a 10k pull-up resistor to +VS for better noise immunity. Any of these pins
may also be tied high separately through a 10k pull-up resistor.
7.5 Programming
7.5.1
I2C Bus Interface
The LM75 operates as a slave on the I2C bus, so the SCL line is an input (no clock is generated by the LM75)
and the SDA line is a bi-directional serial data path. According to I2C bus specifications, the LM75 has a 7-bit
slave address. The four most significant bits of the slave address are hard wired inside the LM75 and are “1001”.
The three least significant bits of the address are assigned to pins A2–A0, and are set by connecting these pins
to ground for a low, (0); or to +VS for a high, (1).
Therefore, the complete slave address is:
1
0
0
1
A2
A1
A0
MSB
LSB
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM75B LM75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com