Electronic Components Datasheet Search
  English  ▼

X  

LM75B Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM75B
Description  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM75B Datasheet(HTML) 3 Page - Texas Instruments

  LM75B Datasheet HTML 1Page - Texas Instruments LM75B Datasheet HTML 2Page - Texas Instruments LM75B Datasheet HTML 3Page - Texas Instruments LM75B Datasheet HTML 4Page - Texas Instruments LM75B Datasheet HTML 5Page - Texas Instruments LM75B Datasheet HTML 6Page - Texas Instruments LM75B Datasheet HTML 7Page - Texas Instruments LM75B Datasheet HTML 8Page - Texas Instruments LM75B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LM75B, LM75C
www.ti.com
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
D and DGK Packages
8-Pin SOIC, VSSOP
Top View
Pin Functions
PIN
DESCRIPTION
TYPICAL CONNECTION
NO.
NAME
I2C Serial Bi-Directional Data Line.
1
SDA
From Controller, tied to a pullup resistor or current source
Open Drain.
2
SCL
I2C Clock Input
From Controller, tied to a pullup resistor or current source
Over temperature Shutdown.
3
O.S.
Pullup Resistor, Controller Interrupt Line
Open Drain Output
4
GND
Power Supply Ground
Ground
5
A2
6
A1
User-Set I2C Address Inputs
Ground (Low, 0) or +VS (High, 1)
7
A0
DC Voltage from 3 V to 5.5 V; 100-nF bypass capacitor with 10-µF
8
+VS
Positive Supply Voltage Input
bulk capacitance in the near vicinity
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage Pin (+VS)
−0.3
6.5
V
−0.3
(+VS + 0.3) and must
V
Voltage at A0, A1and A2 Pins
be
≤ 6.5
Voltage at O.S., SCL and SDA Pins
−0.3
6.5
V
Input Current at any Pin(2)
5
mA
Package Input Current(2)
20
mA
O.S. Output Sink Current
10
mA
Storage temperature, Tstg
–65
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to 5
mA. The 20-mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input
current of 5 mA to four.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM75B LM75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com