Electronic Components Datasheet Search
  English  ▼

X  

LM75B Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM75B
Description  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM75B Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM75B Datasheet HTML 12Page - Texas Instruments LM75B Datasheet HTML 13Page - Texas Instruments LM75B Datasheet HTML 14Page - Texas Instruments LM75B Datasheet HTML 15Page - Texas Instruments LM75B Datasheet HTML 16Page - Texas Instruments LM75B Datasheet HTML 17Page - Texas Instruments LM75B Datasheet HTML 18Page - Texas Instruments LM75B Datasheet HTML 19Page - Texas Instruments LM75B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
LM75B, LM75C
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
www.ti.com
An inadvertent 8-bit read from a 16-bit register, with the D7 bit low, can cause the LM75 to stop in a state where
the SDA line is held low as shown in Figure 11. This can prevent any further bus communication until at least 9
additional clock cycles have occurred. Alternatively, the master can issue clock cycles until SDA goes high, at
which time issuing a “Stop” condition will reset the LM75.
Figure 11. Inadvertent 8-Bit Read from 16-Bit Register where D7 is Zero (“0”)
7.6 Register Maps
7.6.1 Pointer Register (Selects Which Registers Will Be Read From or Written to):
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
Register Select
P0-P1: Register Select:
P2
P1
P0
Register
0
0
0
Temperature (Read only) (Power-up default)
0
0
1
Configuration (Read/Write)
0
1
0
THYST (Read/Write)
0
1
1
TOS (Read/Write)
P3–P7: Must be kept zero.
7.6.2 Temperature Register (Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
X
X
X
X
X
X
X
D0–D6: Undefined.
D7–D15: Temperature Data. One LSB = 0.5°C. Two's complement format.
7.6.3 Configuration Register (Read/Write):
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
Fault Queue
O.S. Polarity
Cmp/Int
Shutdown
Power up default is with all bits “0” (zero).
D0: Shutdown: When set to 1 the LM75 goes to low power shutdown mode.
D1: Comparator/Interrupt mode: 0 is Comparator mode, 1 is Interrupt mode.
D2: O.S. Polarity: 0 is active low, 1 is active high. O.S. is an open-drain output under all conditions.
D3–D4: Fault Queue: Number of faults necessary to detect before setting O.S. output to avoid false tripping due
to noise. Faults are determind at the end of a conversion. See specified temperature conversion time in the
Temperature-to-Digital Converter Characteristics table.
D4
D3
Number of Faults
0
0
1 (Power-up default)
0
1
2
1
0
4
16
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM75B LM75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com