Electronic Components Datasheet Search
  English  ▼

X  

LM75B Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM75B
Description  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM75B Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM75B Datasheet HTML 13Page - Texas Instruments LM75B Datasheet HTML 14Page - Texas Instruments LM75B Datasheet HTML 15Page - Texas Instruments LM75B Datasheet HTML 16Page - Texas Instruments LM75B Datasheet HTML 17Page - Texas Instruments LM75B Datasheet HTML 18Page - Texas Instruments LM75B Datasheet HTML 19Page - Texas Instruments LM75B Datasheet HTML 20Page - Texas Instruments LM75B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
LM75B, LM75C
www.ti.com
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
D4
D3
Number of Faults
1
1
6
D5–D7: These bits are used for production testing and must be kept zero for normal operation.
7.6.4 THYST and TOS Register (Read/Write):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
X
X
X
X
X
X
X
D0–D6: Undefined
D7–D15: THYST Or TOS Trip Temperature Data. Power up default is TOS = 80°C, THYST =
75°C
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM75B LM75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com