Electronic Components Datasheet Search
  English  ▼

X  

LM75B Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM75B
Description  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM75B Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM75B Datasheet HTML 8Page - Texas Instruments LM75B Datasheet HTML 9Page - Texas Instruments LM75B Datasheet HTML 10Page - Texas Instruments LM75B Datasheet HTML 11Page - Texas Instruments LM75B Datasheet HTML 12Page - Texas Instruments LM75B Datasheet HTML 13Page - Texas Instruments LM75B Datasheet HTML 14Page - Texas Instruments LM75B Datasheet HTML 15Page - Texas Instruments LM75B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
7
6
5
A0
A1
A2
Temperature
Threshold
Silicon Bandgap
Temperature
Sensor
Ð
1-Bit
D/A
10-Bit
Digital
Decimation
Filter
9-Bit Sigma-Delta ADC
Configuration
Register
TOS Set Point
Register
Pointer
Register
THYST Set
Point Register
Set Point
Comparator
3
O.S.
Reset
1
2
SDA
SCL
Two-Wire Interface
4
8
+VS
GND
LM75B, LM75C
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM75 temperature sensor incorporates a band-gap type temperature sensor and 9-bit ADC (Sigma-Delta
Analog-to-Digital Converter). The temperature data output of the LM75 is available at all times via the I2C bus. If
a conversion is in progress, it will be stopped and restarted after the read. A digital comparator is also
incorporated that compares a series of readings, the number of which is user-selectable, to user-programmable
setpoint and hysteresis values. The comparator trips the O.S. output line, which is programmable for mode and
polarity.
The LM75B contains all the functionality of the LM75C, plus two additional features:
•
The LM75B has an integrated low-pass filter on both the SDA and the SCL line. These filters increase
communications reliability in noisy environments.
•
The LM75B also has a bus fault timeout feature. If the SDA line is held low for longer than tTIMEOUT (see I
2C
Digital Switching Characteristics) the LM75B will reset to the IDLE state (SDA set to high impedance) and
wait for a new start condition. The TIMEOUT feature is not functional in Shutdown Mode.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Digital Temperature Sensor
The LM75 is an industry-standard digital temperature sensor with an integrated Sigma-Delta analog-to-digital
converter and I2C interface. The LM75 provides 9-bit digital temperature readings with an accuracy of ±2°C from
–25°C to 100°C and ±3°C over –55°C to 125°C.
The LM75 operates with a single supply from 2.7 V to 5.5 V. Communication is accomplished over a 2-wire
interface which operates up to 400kHz. The LM75 has three address pins, allowing up to eight LM75 devices to
operate on the same 2-wire bus. The LM75 has a dedicated over-temperature output (O.S.) with programmable
limit and hysteresis. This output has programmable fault tolerance, which allows the user to define the number of
consecutive error conditions that must occur before O.S. is activated.
12
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM75B LM75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com