Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 14Page - ON Semiconductor AX8052F131 Datasheet HTML 15Page - ON Semiconductor AX8052F131 Datasheet HTML 16Page - ON Semiconductor AX8052F131 Datasheet HTML 17Page - ON Semiconductor AX8052F131 Datasheet HTML 18Page - ON Semiconductor AX8052F131 Datasheet HTML 19Page - ON Semiconductor AX8052F131 Datasheet HTML 20Page - ON Semiconductor AX8052F131 Datasheet HTML 21Page - ON Semiconductor AX8052F131 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Specifications
www.onsemi.com
AX8052F131
18
Transmitter
SYMBOL
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
SBR
Signal bit rate
ASK
1
2000
kbps
PSK
10
2000
FSK, note 2
1
350
802.15.4 (DSSS)
ASK and PSK
1
40
802.15.4 (DSSS)
FSK
1
16
PTX868
Transmitter power
@868 MHz
TXRNG=1111
15
dBm
PTX433
Transmitter power
@433 MHz
TXRNG=1111
16
dBm
PTX868-harm2
Emission @ 2nd harmonic
Note 1
-50
dBc
PTX868-harm3
Emission @ 3rd harmonic
-55
Notes
1.
Additional low-pass filtering was applied to the antenna interface, see applications section.
2.
1-200 kbps with a 16 MHz crystal, 200-350 kbps with a 24 MHz crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com