Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 31 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 27Page - ON Semiconductor AX8052F131 Datasheet HTML 28Page - ON Semiconductor AX8052F131 Datasheet HTML 29Page - ON Semiconductor AX8052F131 Datasheet HTML 30Page - ON Semiconductor AX8052F131 Datasheet HTML 31Page - ON Semiconductor AX8052F131 Datasheet HTML 32Page - ON Semiconductor AX8052F131 Datasheet HTML 33Page - ON Semiconductor AX8052F131 Datasheet HTML 34Page - ON Semiconductor AX8052F131 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Circuit Description
www.onsemi.com
AX8052F131
31
The integrated programmable tuning capacitor bank makes it possible to connect the oscillator
directly to pins CLK16N and CLK16P without the need for external capacitors. It is programmed
using bits XTALCAP[5:0] in register
AX5031_XTALCAP.
Alternatively a single ended reference (TCXO, CXO) may be used. The CMOS levels should be
applied to CLK16P via an AC coupling with the crystal oscillator enabled.
5.9. SYSCLK Output
The SYSCLK pin outputs the reference clock signal divided by a programmable integer. Divisions
from 1 to 2048 are possible. For divider ratios > 1 the duty cycle is 50%. Bits SYSCLK[3:0] in the
AX5031_PINCFG1 register set the divider ratio. The SYSCLK output can be disabled.
5.10. Power-on-reset (POR) and RESET_N Input
AX8052F131 has an integrated power-on-reset block which is edge sensitive to VDD_IO. For
many common application cases no external reset circuitry is required. However, if VDD_IO ramps
cannot be guaranteed, an external reset circuit is recommended. For detailed recommendations
and requirements see the AX8052 Application Note: Power On Reset.
After POR or reset all registers are set to their default values.
The RESET_N pin contains a weak pull-up. However, it is strongly recommended to connect the
RESET_N pin to VDD_IO if not used, for additional robustness.
The AX8052F131 can be reset by software as well. The microcontroller is reset by writing 1 to the
SWRESET bit of the
PCON register. The Transmitter can be reset by first writing 1 and then 0 to
the RST bit in the
AX5031_PWRMODE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com