Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 37 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 33Page - ON Semiconductor AX8052F131 Datasheet HTML 34Page - ON Semiconductor AX8052F131 Datasheet HTML 35Page - ON Semiconductor AX8052F131 Datasheet HTML 36Page - ON Semiconductor AX8052F131 Datasheet HTML 37Page - ON Semiconductor AX8052F131 Datasheet HTML 38Page - ON Semiconductor AX8052F131 Datasheet HTML 39Page - ON Semiconductor AX8052F131 Datasheet HTML 40Page - ON Semiconductor AX8052F131 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
Transmitter
www.onsemi.com
AX8052F131
37
HDLC Mode
Note: HDLC mode follows High-Level Data Link Control (HDLC, ISO 13239) protocol.
HDLC Mode is the main framing mode of the AX8052F131. In this mode, the AX8052F131
performs automatic packet delimiting, and optional packet correctness check by inserting and
checking a cyclic redundancy check (CRC) field.
The packet structure is given in the following table.
Flag
Address Control
Information
FCS
Flag
8 bit
8 bit
8 or 16 bit
Variable length, 0 or more bits in multiples of 8
16 / 32 bit
8 bit
HDLC packets are delimited with flag sequences of content 0x7E.
In AX8052F131 the meaning of address and control is user defined. The Frame Check Sequence
(FCS) can be programmed to be CRC-CCITT, CRC-16 or CRC-32.
For details on implementing a HDLC communication see the AX5031 Programming Manual.
RAW Mode
In Raw mode, the AX8052F131 does not perform any packet delimiting or byte synchronization.
It simply serializes transmit bytes.
This mode is ideal for implementing legacy protocols in software.
802.15.4 (ZigBee) DSSS
802.15.4 uses binary phase shift keying (PSK) with 300 kbit/s (868 MHz band) or 600 kbit/s (915
MHz band) on the radio. The usable bit rate is only a 15th of the radio bit rate, however. A
spreading function in the transmitter expands the user bit rate by a factor of 15, to make the
transmission more robust.
In 802.15.4 mode, the AX8052F131 framing unit performs the spreading function according to
the 802.15.4 specification.
The 802.15.4 is a universal DSSS mode, which can be used with any modulation or datarate as
long as it does not violate the maximum data rate of the modulation being used. Therefore the
maximum DSSS data rate is 16 kbps for FSK and 40 kbps for ASK and PSK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com