Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 28 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 24Page - ON Semiconductor AX8052F131 Datasheet HTML 25Page - ON Semiconductor AX8052F131 Datasheet HTML 26Page - ON Semiconductor AX8052F131 Datasheet HTML 27Page - ON Semiconductor AX8052F131 Datasheet HTML 28Page - ON Semiconductor AX8052F131 Datasheet HTML 29Page - ON Semiconductor AX8052F131 Datasheet HTML 30Page - ON Semiconductor AX8052F131 Datasheet HTML 31Page - ON Semiconductor AX8052F131 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Circuit Description
www.onsemi.com
AX8052F131
28
5.2. Timer, Output Compare and Input Capture
The AX8052F131 features three general purpose 16-bit timers. Each timer can be clocked by the
system clock, any of the available oscillators, or a dedicated input pin. The timers also feature a
programmable clock inversion, a programmable prescaler that can divide by powers of two, and an
optional clock synchronization logic that synchronizes the clock to the system clock. All three
counters are identical and feature four different counting modes, as well as a Σ∆ mode that can be
used to output an analog value on a dedicated digital pin only employing a simple RC lowpass
filter.
Two output compare units work in conjunction with one of the timers to generate PWM signals.
Two input capture units work in conjunction with one of the timers to measure transitions on an
input signal.
For software timekeeping, two additional 16-bit wakeup timers with 4 16-bit event registers are
provided, generating an interrupt on match events.
5.3. UART
The AX8052F131 features two universal asynchronous receiver transmitters. They use one of the
timers as baud rate generator. Word length can be programmed from 5 to 9 bits.
5.4. SPI Master/Slave Controller
The AX8052F131 features a master/slave SPI controller. Both 3 and 4 wire SPI variants are
supported. In master mode, any of the on-chip oscillators or the system clock may be selected as
clock source. An additional prescaler with divide by two capability provides additional clocking
flexibility. Shift direction, as well as clock phase and inversion, are programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com