Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 34 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 30Page - ON Semiconductor AX8052F131 Datasheet HTML 31Page - ON Semiconductor AX8052F131 Datasheet HTML 32Page - ON Semiconductor AX8052F131 Datasheet HTML 33Page - ON Semiconductor AX8052F131 Datasheet HTML 34Page - ON Semiconductor AX8052F131 Datasheet HTML 35Page - ON Semiconductor AX8052F131 Datasheet HTML 36Page - ON Semiconductor AX8052F131 Datasheet HTML 37Page - ON Semiconductor AX8052F131 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Transmitter
www.onsemi.com
AX8052F131
34
Loop Filter and Charge Pump
The AX8052F131 internal loop filter configuration together with the charge pump current sets the
synthesizer loop band width. The loop-filter has three configurations that can be programmed via
the register bits FLT[1:0] in register
AX5031_PLLLOOP, the charge pump current can be
programmed using register bits PLLCPI[1:0] also in register
AX5031_PLLLOOP. Synthesizer
bandwidths are typically 50 - 500 kHz depending on the
AX5031_PLLLOOP settings, for details
see the section 4.3: AC Characteristics.
Registers
Register
Bits
Purpose
AX5031_PLLLOOP
FLT[1:0]
Synthesizer loop filter bandwidth, recommended usage is to increase
the bandwidth for faster settling time, bandwidth increases of factor 2
and 5 are possible.
PLLCPI[2:0]
Synthesizer charge pump current, recommended usage is to decrease
the bandwidth (and improve the phase-noise) for low data-rate
transmissions.
BANDSEL
Switches between 868 MHz/915 MHz and 433 MHz bands
AX5031_FREQ
Programming of the carrier frequency
AX5031_FREQB
Programming of the 2nd carrier frequency, switch to this carrier
frequency by setting bit FREQSEL=1.
AX5031_PLLRANGING
Initiate VCO auto-ranging and check results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com