Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 32 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 28Page - ON Semiconductor AX8052F131 Datasheet HTML 29Page - ON Semiconductor AX8052F131 Datasheet HTML 30Page - ON Semiconductor AX8052F131 Datasheet HTML 31Page - ON Semiconductor AX8052F131 Datasheet HTML 32Page - ON Semiconductor AX8052F131 Datasheet HTML 33Page - ON Semiconductor AX8052F131 Datasheet HTML 34Page - ON Semiconductor AX8052F131 Datasheet HTML 35Page - ON Semiconductor AX8052F131 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Circuit Description
www.onsemi.com
AX8052F131
32
5.11. Ports
VDDIO
PORTx.y
DIRx.y
Special Function
PALTx.y
PINx read clock
PINx.y
Interrupt
INTCHGx.y
ANALOGx.y
65 kΩ
Figure 8 Port pin schematic
Figure 8 shows the GPIO logic. The DIR register bit determines whether the port pin acts as an
output (1) or an input (0).
If configured as an output, the PALT register bit determines whether the port pin is connected to a
peripheral output (1), or used as a GPIO pin (0). In the latter case, the PORT register bit
determines the port pin drive value.
If configured as an input, the PORT register bit determines whether a pull-up resistor is enabled
(1) or disabled (0). Inputs have schmitt-trigger characteristic. Port A inputs may be disabled by
setting the ANALOGA register bit; this prevents additional current consumption if the voltage level
of the port pin is mid-way between logic low and logic high, when the pin is used as an analog
input.
Port A, B and C pins may interrupt the microcontroller if their level changes. The INTCHG register
bit enables the interrupt. The PIN register bit reflects the value of the port pin. Reading the PIN
register also resets the interrupt if interrupt on change is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com