Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 41 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 41 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 37Page - ON Semiconductor AX8052F131 Datasheet HTML 38Page - ON Semiconductor AX8052F131 Datasheet HTML 39Page - ON Semiconductor AX8052F131 Datasheet HTML 40Page - ON Semiconductor AX8052F131 Datasheet HTML 41Page - ON Semiconductor AX8052F131 Datasheet HTML 42Page - ON Semiconductor AX8052F131 Datasheet HTML 43Page - ON Semiconductor AX8052F131 Datasheet HTML 44Page - ON Semiconductor AX8052F131 Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
Application Information
www.onsemi.com
AX8052F131
41
every VDDA and VDD_IO pin. In order to reduce noise on the antenna inputs it is recommended to
add 27 pF on the VDD pins close to the antenna interface.
The AX8052F131 has an integrated voltage regulator for the analog supply voltages, which
generates a stable supply voltage VREG from the voltage applied at VDD_IO. Use VREG to supply
all the VDDA supply pins and also to DC power to the pins ANTP and ANTN.
7.1. Antenna Interface Circuitry
The ANTP and ANTN pins provide RF output from the PA when AX8052F131 is in transmitting
mode. A small antenna can be connected with an optional translation network. The network must
provide DC power to the PA. A biasing to VREG is necessary.
Beside biasing and impedance matching, the proposed networks also provide low pass filtering to
limit spurious emission.
Single-Ended Antenna Interface
Optional filter
stage to suppress
TX harmonics
CC1
CB1
LT2
50
Ω single-
ended
equipment
or antenna
IC Antenna
Pins
VREG
VREG
LT1
LC2
LC1
CM1
LB1
CB2
LB2
CF1
CF2
LF1
CT1
CT2
CC2
CM2
Figure 10 Structure of the antenna interface to 50 Ω single-ended equipment or antenna
Frequency
Band
LC1,2
[nH]
CC1,2
[pF]
LT1,2
[nH]
CT1,2
[pF]
CM1,2
[pF]
LB1,2
[nH]
CB1,2
[pF]
LF1
[nH]
CF1,2
[pF]
868 / 915
MHz
68
1.2
12
18
2.4
12
2.7
0 OHM
N.C.
433 MHz
120
2.7
39
7.5
6.0
27
5.2
0 OHM
N.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com