Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 33 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 29Page - ON Semiconductor AX8052F131 Datasheet HTML 30Page - ON Semiconductor AX8052F131 Datasheet HTML 31Page - ON Semiconductor AX8052F131 Datasheet HTML 32Page - ON Semiconductor AX8052F131 Datasheet HTML 33Page - ON Semiconductor AX8052F131 Datasheet HTML 34Page - ON Semiconductor AX8052F131 Datasheet HTML 35Page - ON Semiconductor AX8052F131 Datasheet HTML 36Page - ON Semiconductor AX8052F131 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Transmitter
www.onsemi.com
AX8052F131
33
6.
Transmitter
The transmitter block is controllable through its registers, which are mapped into the X data space
of the microcontroller. The transmitter block features its own 32 word × 10 bit FIFO. The
microcontroller can either be interrupted at a programmable FIFO fill level, or one of the DMA
channels can be instructed to transfer between XRAM and the transmitter FIFO.
6.1. RF Frequency Generation Subsystem
The RF frequency generation subsystem consists of a fully integrated synthesizer, which multiplies
the reference frequency from the crystal oscillator to get the desired RF frequency. The advanced
architecture of the synthesizer enables frequency resolutions of 1 Hz, as well as fast settling times
of 5 – 50 µs depending on the settings (see section 4.3: AC Characteristics). Fast settling times
mean fast start-up, which enables low-power system design.
The frequency must be programmed to the desired carrier frequency.
The synthesizer loop bandwidth can be programmed. This serves three purposes:
1. Start-up time optimization, start-up is faster for higher synthesizer loop bandwidths
2. TX spectrum optimization, phase-noise at 300 kHz to 1 MHz distance from the carrier
improves with lower synthesizer loop bandwidths
3. Adaptation of the bandwidth to the data-rate. For transmission of FSK and MSK it is
required that the synthesizer bandwidth must be in the order of the data-rate.
VCO
An on-chip VCO converts the control voltage generated by the charge pump and loop filter into an
output frequency. The frequency can be programmed in 1 Hz steps in the
AX5031_FREQ
registers. For operation in the 433 MHz band, the BANDSEL bit in the
AX5031_PLLLOOP
register must be programmed.
VCO Auto-Ranging
The AX8052F131 has an integrated auto-ranging function, which allows to set the correct VCO
range for specific frequency generation subsystem settings automatically. Typically it has to be
executed after power-up. The function is initiated by setting the RNG_START bit in the
AX5031_PLLRANGING register. The bit is readable and a 0 indicates the end of the ranging
process. The RNGERR bit indicates the correct execution of the auto-ranging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com