Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 22 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 18Page - ON Semiconductor AX8052F131 Datasheet HTML 19Page - ON Semiconductor AX8052F131 Datasheet HTML 20Page - ON Semiconductor AX8052F131 Datasheet HTML 21Page - ON Semiconductor AX8052F131 Datasheet HTML 22Page - ON Semiconductor AX8052F131 Datasheet HTML 23Page - ON Semiconductor AX8052F131 Datasheet HTML 24Page - ON Semiconductor AX8052F131 Datasheet HTML 25Page - ON Semiconductor AX8052F131 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Circuit Description
www.onsemi.com
AX8052F131
22
5.
Circuit Description
The AX8052F131 is a single chip ultra-low-power RF-microcontroller SoC primarily for use in SRD
bands. The on-chip transmitter consists of a fully integrated RF front-end with modulator, and
demodulator. Base band data processing is implemented in an advanced and flexible
communication controller that enables user friendly communication.
The AX8052F131 contains a high speed microcontroller compatible to the industry standard 8052
instruction set. It contains 64 kBytes of FLASH and 8.25 kBytes of internal SRAM.
The AX8052F131 features 3 16-bit general purpose timers with Σ∆ capability, 2 output compare
units for generating PWM signals, 2 input compare units to record timings of external signals, 2
16-bit wakeup timers, a watchdog timer, 2 UARTs, a Master/Slave SPI controller, a 10-bit 500
kSample/s A/D converter, 2 analog comparators, a temperature sensor, a 2 channel DMA
controller, and a dedicated AES crypto controller. Debugging is aided by a dedicated hardware
debug interface controller that connects using a 3-wire protocol (1 dedicated wire, 2 shared with
GPIO) to the PC hosting the debug software.
While the radio carrier can only be clocked by the crystal oscillator (carrier stability requirements
dictate a high stability reference clock in the MHz range), the microcontroller and its peripherals
provide extremely flexible clocking options. The system clock that clocks the microcontroller, as
well as peripheral clocks, can be selected from one of the following clock sources: the crystal
oscillator, an internal high speed 20 MHz oscillator, an internal low speed 640 Hz/10 kHz oscillator,
or the low frequency crystal oscillator. Prescalers offer additional flexibility with their
programmable divide by a power of two capability. To improve the accuracy of the internal
oscillators, both oscillators may be slaved to the crystal oscillator.
AX8052F131 can be operated from a 2.2 V to 3.6 V power supply over a temperature range of
–40oC to 85oC, it consumes 11 - 45 mA for transmitting, depending on the output power.
The AX8052F131 features make it an ideal interface for integration into various battery powered
SRD solutions such as ticketing or as transmitter for telemetric applications e.g. in sensors. As
primary application, the transmitter is intended for UHF radio equipment in accordance with the
European Telecommunication Standard Institute (ETSI) specification EN 300 220-1 and the US
Federal Communications Commission (FCC) standard CFR47, part 15. The use of AX8052F131 in
accordance to FCC Par 15.247, allows for improved range in the 915 MHz band. Additionally
AX8052F131 is compatible with the low frequency standards of 802.15.4 (ZigBee) and suited for
systems targeting compliance with Wireless M-Bus standard EN 13757-4:2005
The AX8052F131 sends data in frames. This standard operation mode is called Frame Mode. Pre
and post ambles as well as checksums can be generated automatically.
AX8052F131 supports any data rate from 1 kbps to 350 kbps for FSK and MSK, from 1 kbps to
2000 kbps for ASK and from 10 kbps to 2000 kbps for PSK. To achieve optimum performance for
specific data rates and modulation schemes several register settings to configure the
AX8052F131 are necessary, they are outlined in the following, for details see the AX5031
Programming Manual.
Spreading is possible on all data rates and modulation schemes. The net transfer rate is reduced
by a factor of 15 in this case. For ZigBee either 600 or 300 kbps modes have to be chosen.
The transmitter supports multi-channel operation for all data rates and modulation schemes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com