Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 30 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 26Page - ON Semiconductor AX8052F131 Datasheet HTML 27Page - ON Semiconductor AX8052F131 Datasheet HTML 28Page - ON Semiconductor AX8052F131 Datasheet HTML 29Page - ON Semiconductor AX8052F131 Datasheet HTML 30Page - ON Semiconductor AX8052F131 Datasheet HTML 31Page - ON Semiconductor AX8052F131 Datasheet HTML 32Page - ON Semiconductor AX8052F131 Datasheet HTML 33Page - ON Semiconductor AX8052F131 Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Circuit Description
www.onsemi.com
AX8052F131
30
The AX8052F131 contains an on-chip temperature sensor. Built-in calibration logic allows the
temperature sensor to be calibrated in °C, °F or any other user defined temperature scale.
The AX8052F131 also features two analog comparators. Each comparator can either compare two
voltages on dedicated PA pins, or one voltage against the internal 1V reference. The comparator
output can be routed to a dedicated digital output pin or can be read by software. The comparators
are clocked with the system clock.
5.6. DMA Controller
The AX8052F131 features a dual channel DMA engine. Each DMA channel can either transfer data
from XRAM to almost any peripheral on chip, or from almost any peripheral to XRAM. Both
channels may also be cross-linked for memory-memory transfers. The DMA channels use buffer
descriptors to find the buffers where data is to be retrieved or placed, thus enabling very flexible
buffering strategies.
The DMA channels access XRAM in a cycle steal fashion. They access XRAM whenever XRAM is not
used by the microcontroller. Their priority is lower than the microcontroller, thus interfering very
little with the microcontroller. Additional logic prevents starvation of the DMA controller.
5.7. AES Engine
The AX8052F131 contains a dedicated engine for the government mandated Advanced Encryption
Standard (AES). It features a dedicated DMA engine and reads input data as well as key stream
data from the XRAM, and writes output data into a programmable buffer in the XRAM. The round
number is programmable; the chip therefore supports AES-128, AES-192, and AES-256, as well as
higher security proprietary variants. Keystream (key expansion) is performed in software, adding
to the flexibility of the AES engine. ECB (electronic codebook), CFB (cipher feedback) and OFB
(output feedback) modes are directly supported without software intervention.
5.8. Crystal Oscillator (RF reference oscillator)
The on-chip crystal oscillator allows the use of an inexpensive quartz crystal as the RF generation
subsystem’s timing reference. Although a wider range of crystal frequencies can be handled by
the crystal oscillator circuit, it is recommended to use 16 MHz as reference frequency for ASK and
PSK modulations independent of the data rate. For FSK it is recommended to use a 16 MHz crystal
for data rates below 200 kbps and 24 MHz for data rates above 200 kbps.
The oscillator circuit is enabled by programming the transmitter
AX5031_PWRMODE register. At
power-up it is not enabled.
To adjust the circuit’s characteristics to the quartz crystal being used, without using additional
external components, both the transconductance and the tuning capacitance of the crystal
oscillator can be programmed.
The transconductance is programmed via register bits XTALOSCGM[3:0] in register
AX5031_XTALOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com