Electronic Components Datasheet Search
  English  ▼

X  

AS3630 Datasheet(PDF) 66 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 66 Page - ams AG

Back Button AS3630 Datasheet HTML 62Page - ams AG AS3630 Datasheet HTML 63Page - ams AG AS3630 Datasheet HTML 64Page - ams AG AS3630 Datasheet HTML 65Page - ams AG AS3630 Datasheet HTML 66Page - ams AG AS3630 Datasheet HTML 67Page - ams AG AS3630 Datasheet HTML 68Page - ams AG AS3630 Datasheet HTML 69Page - ams AG AS3630 Datasheet HTML 70Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
AS3630 – 66
8A Supercap Flash Driver
The high speed operation requires proper layout for optimum
performance. Route the power traces first and try to minimize
the area and wire length.
At the pin GND a single via (or more vias, which are closely
combined) connects to the common ground plane. This via(s)
will isolate the DCDC high frequency currents from the common
ground - see the ‘ground via’ in Figure 52.
Figure AS3630 – 52:
Layout Recommendation Using a 3225 Coil for LDCDC1 and LDCDC2
Note:
If component placement rules allow, move all components close to the AS3630.
The NTC ground connection shall be separated from the main ground and directly connected to AGND (Ball A5).
The recommended PCB pad size for the AS3630 is 250μm.
PCB Layout Guideline

 !""
#$
%&!"
  "'
 "'
(&)&
,
)"-./
#'"
!/0"/
*

1
* 2%*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com