Electronic Components Datasheet Search
  English  ▼

X  

AS3630 Datasheet(PDF) 71 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 71 Page - ams AG

Back Button AS3630 Datasheet HTML 64Page - ams AG AS3630 Datasheet HTML 65Page - ams AG AS3630 Datasheet HTML 66Page - ams AG AS3630 Datasheet HTML 67Page - ams AG AS3630 Datasheet HTML 68Page - ams AG AS3630 Datasheet HTML 69Page - ams AG AS3630 Datasheet HTML 70Page - ams AG AS3630 Datasheet HTML 71Page - ams AG AS3630 Datasheet HTML 72Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 71
The term RoHS compliant means that ams products fully comply
with current RoHS directive. Our semiconductor products do
not contain any chemicals for all 6 substance categories,
including the requirement that lead not exceed 0.1% by weight
in homogeneous materials. Where designed to be soldered at
high temperatures, RoHS compliant products are suitable for
use in specified lead-free processes. ams Green means RoHS
compliant and no Sb/Br). ams defines Green that additionally
to RoHS compliance our products are free of Bromine (Br) and
Antimony (Sb) based flame retardants (Br or Sb do not exceed
0.1% by weight in homogeneous material).
Important Information and Disclaimer The information
provided in this statement represents ams knowledge and
belief as of the date that it is provided. ams bases its knowledge
and belief on information provided by third parties, and makes
no representation or warranty as to the accuracy of such
information. Efforts are underway to better integrate
information from third parties. ams has taken and continues to
take reasonable steps to provide representative and accurate
information but may not have conducted destructive testing or
chemical analysis on incoming materials and chemicals. ams
and ams suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited
information may not be available for release.
RoHS Compliant and ams Green
Statement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com