Electronic Components Datasheet Search
  English  ▼

X  

AS3630 Datasheet(PDF) 15 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 15 Page - ams AG

Back Button AS3630 Datasheet HTML 11Page - ams AG AS3630 Datasheet HTML 12Page - ams AG AS3630 Datasheet HTML 13Page - ams AG AS3630 Datasheet HTML 14Page - ams AG AS3630 Datasheet HTML 15Page - ams AG AS3630 Datasheet HTML 16Page - ams AG AS3630 Datasheet HTML 17Page - ams AG AS3630 Datasheet HTML 18Page - ams AG AS3630 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 15
voltages.
Figure AS3630 – 9:
Efficiency vs. VSUPERCAP for DCDC2
Efficiency vs. Supply Voltage: Shows efficiency (POUT/PIN) of internal DCDC2 (VSUPERCAP to VDCDC) vs. voltage on
VSUPERCAP while discharging from 6V down to 3V.
40
45
50
55
60
65
70
75
80
85
90
3,0
3,5
4,0
4,5
5,0
5,5
6,0
VSUPERCAP [V]
coil2_peak=3.14A
coil2_peak=4.57A
coil1_peak=6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com