Electronic Components Datasheet Search
  English  ▼

X  

AS3630 Datasheet(PDF) 52 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 52 Page - ams AG

Back Button AS3630 Datasheet HTML 48Page - ams AG AS3630 Datasheet HTML 49Page - ams AG AS3630 Datasheet HTML 50Page - ams AG AS3630 Datasheet HTML 51Page - ams AG AS3630 Datasheet HTML 52Page - ams AG AS3630 Datasheet HTML 53Page - ams AG AS3630 Datasheet HTML 54Page - ams AG AS3630 Datasheet HTML 55Page - ams AG AS3630 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
AS3630 – 52
8A Supercap Flash Driver
08h
Strobe and ADC
control
strobe_on
strobe_type
ADC_convert
ADC_channel
Access
RW
RW
RW
RW
Reset Value
1b
1b
00b
0h
Enable STROBE
input
STROBE
input is
0 … edge
sensitive
1 … level
sensitive
Control ADC conversion -
register is automatically reset to
00 after the conversion is
finished
Select ADC channel for conversion
0h … VDCDC
1h … LED_OUT
2h ... Tjunc (DIE Junction temperature)
3h … VSUPERCAP
4h ... don’t use
5h ... BAL
6h … VIN
7h ... NTC
8h … IND_OUT
9h ... don’t use
Ah ... PGND.
Bh ... don’t use
Ch ... STROBE
Dh ... INT
Eh ... ON
Fh ... don’t use
00 … ADC shutdown (no conversion performed or end of conversion)
01 … start ADC conversion immediately
10 … do ADC conversion 1.5ms after current rampup (beginning of flash)
11 … do ADC conversion just before current rampdown (at end of flash; flash duration is extended
by 100μs)
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com