Electronic Components Datasheet Search
  English  ▼

X  

AS3630 Datasheet(PDF) 31 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 31 Page - ams AG

Back Button AS3630 Datasheet HTML 27Page - ams AG AS3630 Datasheet HTML 28Page - ams AG AS3630 Datasheet HTML 29Page - ams AG AS3630 Datasheet HTML 30Page - ams AG AS3630 Datasheet HTML 31Page - ams AG AS3630 Datasheet HTML 32Page - ams AG AS3630 Datasheet HTML 33Page - ams AG AS3630 Datasheet HTML 34Page - ams AG AS3630 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 31
X
X
100b
Torch light mode
If
keep_sc_charged
=0 keep voltage
on Supercap as is;
if
keep_sc_charged
=1 charge
Supercap to
end_of_charge_v
oltage with
IKEEP_CHARGE -
Figure 21 on
page 25
led_current1
limited to 460mA
X
X
101b
PWM operation:
Use for indicator
with the main flash
LED or low current
PWM operation2
led_current3
limited to
303.9mA PWM
modulated by
led_out_pwm
(1/16...4/16 @
31.25kHz,
1/32, 3/32 @
15.625kHz)
X
0
110b
Torch operation
sync to STROBE -
see Figure 32 on
page 35
0mA
1
led_current1
limited to 931mA
X
111b
strobe_on = 0
Flash mode;
flash duration
defined by
flash_timeout
Supercap is
discharged using
DCDC2 to
LED_OUT -
Figure 22 on
page 26
mode selected
after flash: see
Figure 23 on
page 27
led_current for
flash duration
0-
>
1
strobe_on = 1
and
strobe_type = 0
1
strobe_on = 1
and
strobe_type = 1
Flash mode;
flash duration
defined by STROBE
input; timeout
defined by
flash_timeout
1. If led_current_range=10 will use led_current_range=00.
2. The low current mode is a general purpose PWM mode to drive less current through the LED in average, but keep the actual pulsed current
in a range where the light output from the LED is still specified.
3. Will use led_current_range=00.
4. If txmask_torch_mode=01b then the DCDC1 peak coil current is changed depending on input TXMASK/TORCH - see section “TXMASK” on
page 28
AS3630 Configuration
Operating Mode and Currents
Condition
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com