Electronic Components Datasheet Search
  English  ▼

X  

AS3630 Datasheet(PDF) 12 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 12 Page - ams AG

Back Button AS3630 Datasheet HTML 8Page - ams AG AS3630 Datasheet HTML 9Page - ams AG AS3630 Datasheet HTML 10Page - ams AG AS3630 Datasheet HTML 11Page - ams AG AS3630 Datasheet HTML 12Page - ams AG AS3630 Datasheet HTML 13Page - ams AG AS3630 Datasheet HTML 14Page - ams AG AS3630 Datasheet HTML 15Page - ams AG AS3630 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
AS3630 – 12
8A Supercap Flash Driver
Protection and Fault Detection Functions - NTC
INTC
NTC Current
Source
Adjustable by
NTC_current in
40μA steps,
V(NTC)
≤ 1.7V
0off
134.4
40
45.6
μA
272
80
88
μA
3
110
120
130
μA
4
147
160
173
μA
5
184
200
216
μA
6
220
240
260
μA
7
257
280
303
μA
8
294
320
346
μA
9
331
360
389
μA
Ah
368
400
432
μA
Bh
404
440
476
μA
Ch
441
480
519
μA
Dh
478
520
562
μA
Eh
515
560
605
μA
Fh
552
600
648
μA
VNTC_TH
Threshold for
overtemperature
If ntc_on=1 and the voltage on NTC
drops below VNTC_TH, any flash/torch
or PWM operation of LED_OUT is
stopped
1.0
V
Digital Interface
VIH
High Level Input
Voltage
Pins SDA, SCL, ON, STROBE and
TXMASK/TORCH
1.28
VVIN
V
VIL
Low Level Input
Voltage
0.0
0.5
V
VOL
Low Level Output
voltage
Pin INT and SDAat 2mA
0
0.2
V
ILEAK
Leakage current
VVIN or GND
Pins SDA, SCL, ON
-1.0
+1.0
μA
RPULLDOWN
Pulldown current
to GND
Pins
TXMASK/TORCH,
STROBE
1.8V on pad
35
k
Ω
tDEBTORCH
torch debounce
time
TXMASK/TORCH input in torch mode
7.5
ms
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com