Electronic Components Datasheet Search
  English  ▼

X  

AS3630 Datasheet(PDF) 10 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 10 Page - ams AG

Back Button AS3630 Datasheet HTML 6Page - ams AG AS3630 Datasheet HTML 7Page - ams AG AS3630 Datasheet HTML 8Page - ams AG AS3630 Datasheet HTML 9Page - ams AG AS3630 Datasheet HTML 10Page - ams AG AS3630 Datasheet HTML 11Page - ams AG AS3630 Datasheet HTML 12Page - ams AG AS3630 Datasheet HTML 13Page - ams AG AS3630 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
AS3630 – 10
8A Supercap Flash Driver
LED Current Sources
ILED_OUT
LED_OUT Current
set by led_current
Limited lifetime max. 20000s,
mode_setting = flash operation;
current specified for each of the two
flash LEDs
10
(2x)
3000
mA
mode_setting = torch operation
10
460
mode_setting = PWM operation
duty cycle defined by led_out_pwm
10
303.9
*
duty
cycle
Accuracy,
ΔI-10
+10
%
ILED_OUT_
RIPPLE
LED_OUT ripple
current
ILED=2500mA, BW=20MHz
200
mApp
VFLASH_
COMP
Flash current
source voltage
compliance
Minimum Voltage
between
VSUPERCAP and
LED_OUT to
generate the
programmed
current
(led_current)
led_current_ra
nge =00b or
01b
0.4
V
10b
0.5
IIND_OUT
Indicator Current
Set by ind_current
in 1mA steps
Range
1.0
8.0
mA
Accuracy,
ΔI-20
+20
%
VLED_OUT
LED_OUT-
forward voltage
measured on pin
LED_OUT
led_current_range = 00b…10b
2.6
x2
4.4
x2
V
led_current_range = 11b (4A)
2.6
x2
4.325
x2
V
ADC
Resolution
10
bits
Range
ADC input range;
channel selected
by ADC_channel
ADC Code
‘000h
’
‘3FFh’
BAL, VIN, IND_OUT, PGND,
TXMASK/TORCH, STROBE, INT and ON
0.0
5.866
V
VSUPERCAP
0.0
6.666
V
NTC
0.0
2.2
V
VDCDC
0.0
11
V
LED_OUT
12.1
Tjunc (AS3630 junction temperature, in ºC) =
round (((4 * ADC_D9-D2 + ADC_D1-D0) - 324) * -1.05042)
ºC
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com