Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 15 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 15 Page - ams AG

Back Button TMD27721 Datasheet HTML 11Page - ams AG TMD27721 Datasheet HTML 12Page - ams AG TMD27721 Datasheet HTML 13Page - ams AG TMD27721 Datasheet HTML 14Page - ams AG TMD27721 Datasheet HTML 15Page - ams AG TMD27721 Datasheet HTML 16Page - ams AG TMD27721 Datasheet HTML 17Page - ams AG TMD27721 Datasheet HTML 18Page - ams AG TMD27721 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
ams Datasheet, Confidential
Page 15
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Detailed Description
The light-to-digital device provides on-chip photodiodes,
integrating amplifiers, ADCs, accumulators, clocks, buffers,
comparators, a state machine, and an I²C interface. Each device
combines one photodiode (CH0), which is responsive to both
visible and infrared light, and a second photodiode (CH1),
which is responsive primarily to infrared light. Two integrating
ADCs simultaneously convert the amplified photodiode
currents to a digital value providing up to 16-bits of resolution.
Upon completion of the conversion cycle, the conversion result
is transferred to the Ch0 and Ch1 data registers. This digital
output can be read by a microprocessor where the luminance
(ambient light level in lux) is derived using an empirical formula
to approximate the human eye response.
Figure 22:
Detailed Block Diagram of TMD2772/TMD2772WA
A fully integrated proximity detection solution is provided with
an 850-nm IR LED, LED driver circuit, and proximity detection
engine. An internal LED driver pin (LDR) is externally connected
to the LED cathode (LEDK) to provide a controlled LED sink
current. This is accomplished with a proprietary current
calibration technique that accounts for all variances in silicon,
optics, package, and most important, IR LED output power. This
eliminates or greatly reduces the need for factory calibration
that is required for most discrete proximity sensor solutions.
The device is factory calibrated to achieve a proximity count
Detailed Description
Wait Control
Interrupt
Lower Limit
Upper Limit
Lower Limit
Upper Limit
INT
SCL
SDA
LEDA
LEDK
TMD2772
Channel 0
Channel 1
LDR
VDD
CH0 ADC
CH1 ADC
CH0 Data
CH1 Data
ALC Control
Prox Data
Prox ADC
Prox
Integration
Prox Control
IR LED Constant
Current Sink
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com