Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 34 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 34 Page - ams AG

Back Button TMD27721 Datasheet HTML 30Page - ams AG TMD27721 Datasheet HTML 31Page - ams AG TMD27721 Datasheet HTML 32Page - ams AG TMD27721 Datasheet HTML 33Page - ams AG TMD27721 Datasheet HTML 34Page - ams AG TMD27721 Datasheet HTML 35Page - ams AG TMD27721 Datasheet HTML 36Page - ams AG TMD27721 Datasheet HTML 37Page - ams AG TMD27721 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
Page 34
ams Datasheet, Confidential
Document Feedback
[v1-20] 2014-Jul-21
TMD2772/ TMD2772WA − Register Description
ALS Interrupt Threshold Register (0x04 − 0x07)
The ALS Interrupt Threshold Registers provide the values to be
used as the high and low trigger points for the comparison
function for interrupt generation. If C0DATA is not between the
low and high thresholds and the persistence criteria is met, an
interrupt is asserted on the interrupt pin.
Figure 38:
ALS Interrupt Threshold Registers
Proximity Interrupt Threshold Register (0x08 −
0x0B)
The Proximity Interrupt Threshold Registers provide the values
to be used as the high and low trigger points for the comparison
function for interrupt generation. If the value generated by
proximity channel is not between the low and high thresholds
and the persistence criteria is met, an interrupt is signaled to
the host processor.
Figure 39:
Proximity Interrupt Threshold Registers
Register
Address
Bits
Description (Reset value = 0x00)
AILTL
0x04
7:0
ALS low threshold lower byte
AILTH
0x05
7:0
ALS low threshold upper byte
AIHTL
0x06
7:0
ALS high threshold lower byte
AIHTH
0x07
7:0
ALS high threshold upper byte
Register
Address
Bits
Description (Reset value = 0x00)
PILTL
0x08
7:0
Proximity low threshold lower byte
PILTH
0x09
7:0
Proximity low threshold upper byte
PIHTL
0x0A
7:0
Proximity high threshold lower byte
PIHTH
0x0B
7:0
Proximity high threshold upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com