Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 41 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 41 Page - ams AG

Back Button TMD27721 Datasheet HTML 37Page - ams AG TMD27721 Datasheet HTML 38Page - ams AG TMD27721 Datasheet HTML 39Page - ams AG TMD27721 Datasheet HTML 40Page - ams AG TMD27721 Datasheet HTML 41Page - ams AG TMD27721 Datasheet HTML 42Page - ams AG TMD27721 Datasheet HTML 43Page - ams AG TMD27721 Datasheet HTML 44Page - ams AG TMD27721 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
ams Datasheet, Confidential
Page 41
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Register Description
Status Register (0x13)
The Status Register provides the internal status of the device.
This register is read only.
Figure 46:
Status Register
ADC Channel Data Registers (0x14 − 0x17)
ALS data is stored as two 16-bit values. To ensure the data is
read correctly, a two-byte read I²C transaction should be used
with auto increment protocol bits set in the command register.
With this operation, when the lower byte register is read, the
upper eight bits are stored in a shadow register, which is read
by a subsequent read to the upper byte. The upper register will
read the correct value even if additional ADC integration cycles
end between the reading of the lower and upper registers.
Figure 47:
ADC Channel Data Registers
76
5
4
3
2
1
0
Reserved
PSAT
PINT
AINT
Reserved
PVALID
AVALID
Field
Bits
Description (Reset value = 0x00)
Reserved
7
Reserved. Bit reads as 0.
PSAT
6
Proximity Saturation. Indicates the proximity measurement saturated.
PINT
5
Proximity Interrupt. Indicates that the device is asserting a proximity
interrupt.
AINT
4
ALS Interrupt. Indicates that the device is asserting an ALS interrupt.
Reserved
3:2
Reserved. Bits read as 0.
PVALID
1
Proximity Valid. Indicates that the Proximity channel has completed
an integration cycle after the PEN bit has been asserted.
AVALID
0
ALS Valid. Indicates that the ALS channels have completed an
integration cycle after AEN has been asserted.
Register
Address
Bits
Description (Reset value = 0x00)
C0DATA
0x14
7:0
ALS CH0 data low byte
C0DATAH
0x15
7:0
ALS CH0 data high byte
C1DATA
0x16
7:0
ALS CH1 data low byte
C1DATAH
0x17
7:0
ALS CH1 data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com