Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 53 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 53 Page - ams AG

Back Button TMD27721 Datasheet HTML 49Page - ams AG TMD27721 Datasheet HTML 50Page - ams AG TMD27721 Datasheet HTML 51Page - ams AG TMD27721 Datasheet HTML 52Page - ams AG TMD27721 Datasheet HTML 53Page - ams AG TMD27721 Datasheet HTML 54Page - ams AG TMD27721 Datasheet HTML 55Page - ams AG TMD27721 Datasheet HTML 56Page - ams AG TMD27721 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
ams Datasheet, Confidential
Page 53
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Ordering & Contact Information
Figure 59:
Configuration and Ordering Information
Note(s) and/or Footnote(s):
1. Contact factory for availability.
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Device
Address
Angular
Response
Package
− Leads
Interface Description
Ordering
Number
TMD27721
0x39
± 25°
Module − 8
I²C VBUS = VDD Interface
TMD27721
TMD27723
0x39
± 25°
Module − 8
I²C VBUS = 1.8V Interface
TMD27723
TMD27725 (1)
0x29
± 25°
Module − 8
I²C VBUS = VDD Interface
TMD27725
TMD27727 (1)
0x29
± 25°
Module − 8
I²C VBUS = 1.8V Interface
TMD27727
TMD27721WA (1)
0x39
± 50°
Module − 8
I²C VBUS = VDD Interface
TMD27721WA
TMD27723WA
0x39
± 50°
Module − 8
I²C VBUS = 1.8V Interface
TMD27723WA
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com