Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 43 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 43 Page - ams AG

Back Button TMD27721 Datasheet HTML 39Page - ams AG TMD27721 Datasheet HTML 40Page - ams AG TMD27721 Datasheet HTML 41Page - ams AG TMD27721 Datasheet HTML 42Page - ams AG TMD27721 Datasheet HTML 43Page - ams AG TMD27721 Datasheet HTML 44Page - ams AG TMD27721 Datasheet HTML 45Page - ams AG TMD27721 Datasheet HTML 46Page - ams AG TMD27721 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
ams Datasheet, Confidential
Page 43
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Register Description
Proximity Offset Register (0x1E)
The 8-bit proximity offset register provides compensation for
proximity offsets caused by device variations, optical crosstalk,
and other environmental factors. Proximity offset is a
sign-magnitude value where the sign bit, bit 7, determines if
the offset is negative (bit 7 = 0) or positive (bit 7 = 1). The
magnitude of the offset compensation depends on the
proximity gain (PGAIN), proximity LED drive strength (PDRIVE),
and the number of proximity pulses (PPULSE). Because a
number of environmental factors contribute to proximity
offset, this register is best suited for use in an adaptive
closed-loop control system. See available ams application notes
for proximity offset register application information.
The default value on power up is factory trimmed to provide a
typical proximity offset of 100. This is achieved with no glass or
reflective object above the sensor, and PPULSE=08, PGAIN=10,
PDRIVE=00. If the value is changed during use but power is
removed it will return to the default value on power up.
Figure 49:
Proximity Offset Register
76
5
4
3
2
1
0
SIGN
MAGNITUDE
Field
Bits
Description (Reset value = trimmed value)
SIGN
7
Proximity Offset Sign. The offset sign shifts the proximity data
negative when equal to 0 and positive when equal to 1.
MAGNITUDE
6:0
Proximity Offset Magnitude. The offset magnitude shifts the
proximity data positive or negative, depending on the proximity offset
sign. The actual amount of the shift depends on the proximity gain
(PGAIN), proximity LED drive strength (PDRIVE), and the number of
proximity pulses (PPULSE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com