Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 6 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 6 Page - ams AG

Back Button TMD27721 Datasheet HTML 2Page - ams AG TMD27721 Datasheet HTML 3Page - ams AG TMD27721 Datasheet HTML 4Page - ams AG TMD27721 Datasheet HTML 5Page - ams AG TMD27721 Datasheet HTML 6Page - ams AG TMD27721 Datasheet HTML 7Page - ams AG TMD27721 Datasheet HTML 8Page - ams AG TMD27721 Datasheet HTML 9Page - ams AG TMD27721 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
Page 6
ams Datasheet, Confidential
Document Feedback
[v1-20] 2014-Jul-21
TMD2772/ TMD2772WA − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 7:
Recommended Operating Conditions
Note(s) and/or Footnote(s):
1. While the device is operational across the temperature range, functionality will vary with temperature. Specifications are stated
only at 25°C unless otherwise noted.
Figure 8:
Operating Characteristics VDD = 3V, TA = 25°C (unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
2.2
3
3.6
V
Supply voltage accuracy, VDD total error
including transients
-3
3
%
TA
Operating free-air temperature (1)
-30
85
°C
VLEDA
LED supply voltage on LEDA input
•TA between 0-70° C
•TA outside of 0-70° C
2.5
2.5
4.8
4.4
V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Supply current
Active — LDR pulse off
195
250
μA
Wait state
90
Sleep state — no I²C
activity
2.2
4
VOL
INT, SDA output low
voltage
3 mA sink current
0
0.4
V
6 mA sink current
0
0.6
ILEAK
Leakage current, SDA,
SCL, INT pins
-5
5
μA
Leakage current, LDR pin
-5
5
μA
VIH
SCL, SDA input high
voltage
TMD27721, TMD27725,
TMD27721WA
0.7 VDD
V
TMD27723, TMD27727,
TMD27723WA
1.25
VIL
SCL, SDA input low
voltage
TMD27721, TMD27725,
TMD27721WA
0.3 VDD
V
TMD27723, TMD27727,
TMD27723WA
0.54
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com