Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 19 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 19 Page - ams AG

Back Button TMD27721 Datasheet HTML 15Page - ams AG TMD27721 Datasheet HTML 16Page - ams AG TMD27721 Datasheet HTML 17Page - ams AG TMD27721 Datasheet HTML 18Page - ams AG TMD27721 Datasheet HTML 19Page - ams AG TMD27721 Datasheet HTML 20Page - ams AG TMD27721 Datasheet HTML 21Page - ams AG TMD27721 Datasheet HTML 22Page - ams AG TMD27721 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
ams Datasheet, Confidential
Page 19
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Principles of Operation
The registers for programming the integration and wait times
are a 2’s compliment values. The actual time can be calculated
as follows:
ATIME = 256 − Integration Time / 2.73 ms
Inversely, the time can be calculated from the register value as
follows:
Integration Time = 2.73 ms × (256 − ATIME)
In order to reject 50/60 Hz ripple strongly present in fluorescent
lighting, the integration time needs to be programmed in
multiples of 10 / 8.3 ms or the half cycle time. Both frequencies
can be rejected with a programmed value of 50 ms (ATIME =
0xED) or multiples of 50 ms (i.e. 100, 150, 200, 400, 600).
The registers for programming the AGAIN hold a two-bit value
representing a gain of 1×, 8×, 16×, or 120×. The gain, in terms
of amount of gain, will be represented by the value AGAINx, i.e.
AGAINx = 1, 8, 16, or 120. With the AGL bit set, the gains will be
lowered to 1/6, 8/6, 16/6, and 20×, allowing for up to 60k lux.
Lux Equation
The lux calculation is a function of CH0 channel count (C0DATA),
CH1 channel count (C1DATA), ALS gain (AGAINx), and ALS
integration time in milliseconds (ATIME_ms). If an aperture,
glass/plastic, or a light pipe attenuates the light equally across
the spectrum (300 nm to 1100 nm), then a scaling factor referred
to as glass attenuation (GA) can be used to compensate for
attenuation. For a device in open air with no aperture or
glass/plastic above the device, GA = 1. If it is not spectrally flat,
then a custom lux equation with new coefficients should be
generated. (See ams application note).
Counts per Lux (CPL) needs to be calculated only when ATIME
or AGAIN is changed, otherwise it remains a constant. The first
segment of the equation (Lux1) covers fluorescent and
incandescent light. The second segment (Lux2) covers dimmed
incandescent light. The final lux is the maximum of Lux1, Lux2,
or 0.
Lux formula for TMD2772:
CPL = (ATIME_ms × AGAINx) / 20
Lux1 = (C0DATA – (1.75 × C1DATA)) / CPL
Lux2 = ((0.63 × C0DATA) – (1.00 × C1DATA)) / CPL
Lux = MAX(Lux1, Lux2, 0)
Lux formula for TMD2772WA:
CPL = (ATIME_ms × AGAINx) / 1.16
Lux1 = (C0DATA - (1.8422 x C1DATA)) / CPL
Lux2 = ((0.4106 x C0DATA) - (0.667 x C1DATA)) / CPL
Lux = MAX(Lux1, Lux2, 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com