Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 26 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 26 Page - ams AG

Back Button TMD27721 Datasheet HTML 22Page - ams AG TMD27721 Datasheet HTML 23Page - ams AG TMD27721 Datasheet HTML 24Page - ams AG TMD27721 Datasheet HTML 25Page - ams AG TMD27721 Datasheet HTML 26Page - ams AG TMD27721 Datasheet HTML 27Page - ams AG TMD27721 Datasheet HTML 28Page - ams AG TMD27721 Datasheet HTML 29Page - ams AG TMD27721 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
Page 26
ams Datasheet, Confidential
Document Feedback
[v1-20] 2014-Jul-21
TMD2772/ TMD2772WA − Principles of Operation
Average IDD Current =
((0.029 × 103) + (0.035 x 0.195) + (2.73 × 0.195) + (49.2 × 0.090)
+ (49.2 × 0.195) + (2.73 × 0.195 × 3)) / 109 ≈ 176 μA.
Keeping with the same programmed values as the example,
Figure 30 shows how the average IDD current is affected by the
Wait state time, which is determined by WEN, WTIME, and
WLONG. Note that the worst-case current occurs when the Wait
state is not enabled.
Figure 30:
Average IDD Current
WEN
WTIME
WLONG
WAIT State
Average IDD Current
0n/a
n/a
0 ms
245 μA
1
0xFF
0
2.73 ms
238 μA
10xEE
0
49.2 ms
175 μA
1
0x00
0
699 ms
102 μA
1
0x00
1
8389 ms
91 μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com