Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 33 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 33 Page - ams AG

Back Button TMD27721 Datasheet HTML 29Page - ams AG TMD27721 Datasheet HTML 30Page - ams AG TMD27721 Datasheet HTML 31Page - ams AG TMD27721 Datasheet HTML 32Page - ams AG TMD27721 Datasheet HTML 33Page - ams AG TMD27721 Datasheet HTML 34Page - ams AG TMD27721 Datasheet HTML 35Page - ams AG TMD27721 Datasheet HTML 36Page - ams AG TMD27721 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
ams Datasheet, Confidential
Page 33
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Register Description
Proximity Time Register (0x02)
The Proximity Time Register controls the integration time of the
proximity ADC in 2.73 ms increments. Time is expressed as a 2’s
complement number. It is recommended that this register be
programmed to a value of 0xFF (1 integration cycle).
Figure 36:
Proximity Time Register
Wait Time Register (0x03)
Wait time is set in 2.73 ms increments unless the WLONG bit is
asserted in which case the wait times are 12
x longer. WTIME is
programmed as a 2’s complement number.
Figure 37:
Wait Time Register
Note: The Proximity Wait Time Register should be configured before PEN and/or AEN is/are asserted.
76
5
4
3
2
1
0
PTIME
Field
Bits
Description (Reset value = 0xFF)
Value
Cycles
Time
Max Count
PTIME
7:0
0xFF
1
2.73 ms
1023
76
5
4
3
2
1
0
WTIME
Field
Bits
Description (Reset value = 0xFF)
Register Value
Wait Time
Time
(WLONG=0)
Time
(WLONG=1)
WTIME
7:0
0xFF
1
2.73 ms
0.033 sec
0xB6
74
202 ms
2.4 sec
0x00
256
699 ms
8.4 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com