Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 37 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 37 Page - ams AG

Back Button TMD27721 Datasheet HTML 33Page - ams AG TMD27721 Datasheet HTML 34Page - ams AG TMD27721 Datasheet HTML 35Page - ams AG TMD27721 Datasheet HTML 36Page - ams AG TMD27721 Datasheet HTML 37Page - ams AG TMD27721 Datasheet HTML 38Page - ams AG TMD27721 Datasheet HTML 39Page - ams AG TMD27721 Datasheet HTML 40Page - ams AG TMD27721 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
ams Datasheet, Confidential
Page 37
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Register Description
Configuration Register (0x0D)
The Configuration Register sets the proximity LED drive level,
wait long time, and ALS gain level
Figure 41:
Configuration Register.
Proximity Pulse Count Register (0x0E)
The Proximity Pulse Count Register sets the number of
proximity pulses that the LDR pin will generate during the Prox
Accum state. The pulses are generated at a 62.5kHz rate.
Figure 42:
Proximity Pulse Count Register
76
5
4
3
2
1
0
Reserved
AGL
WLONG
PDL
Field
Bits
Description (Reset value = 0x00)
Reserved
7:3
Reserved. Write as 0.
AGL
2
ALS Gain Level. When asserted, the 1× and 8× ALS gain (AGAIN) modes
are scaled by 0.16. Otherwise, AGAIN is scaled by 1. Should be set = 0
anytime AGAIN is greater than 8x, or if using a TMD module.
WLONG
1
Wait Long. When asserted, the wait cycles are increased by a factor 12x
from that programmed in the WTIME register.
PDL
0
Proximity drive level. When asserted, the proximity LDR drive current is
reduced by 9.
76
5
4
3
2
1
0
PPULSE
Field
Bits
Description
PPULSE
7:0
Proximity Pulse Count. Specifies the number of proximity pulses
to be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com