Electronic Components Datasheet Search
  English  ▼

X  

AD5672R Datasheet(PDF) 8 Page - Analog Devices

Part # AD5672R
Description  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5672R Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5672R Datasheet HTML 4Page - Analog Devices AD5672R Datasheet HTML 5Page - Analog Devices AD5672R Datasheet HTML 6Page - Analog Devices AD5672R Datasheet HTML 7Page - Analog Devices AD5672R Datasheet HTML 8Page - Analog Devices AD5672R Datasheet HTML 9Page - Analog Devices AD5672R Datasheet HTML 10Page - Analog Devices AD5672R Datasheet HTML 11Page - Analog Devices AD5672R Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
AD5672R/AD5676R
Data Sheet
Rev. B | Page 8 of 34
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 2.
VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V, and VREFIN = 2.5 V. All specifications −40°C to +125°C, unless otherwise noted. Maximum
SCLK frequency is 50 MHz at VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ VDD. Guaranteed by design and characterization; not production tested.
Table 5.
1.8 V ≤ VLOGIC < 2.7 V
2.7 V ≤ VLOGIC ≤ 5.5 V
Parameter
Min
Max
Min
Max
Unit
Description
t1
20
20
ns
SCLK Cycle Time
t2
4
1.7
ns
SCLK High Time
t3
4.5
4.3
ns
SCLK Low Time
t4
15.1
10.1
ns
SYNC to SCLK Falling Edge Setup Time
t5
0.8
0.8
ns
Data Setup Time
t6
0.1
−0.8
ns
Data Hold Time
t7
0.95
1.25
ns
SCLK Falling Edge to SYNC Rising Edge
t8
9.65
6.75
ns
Minimum SYNC High Time (Single, Combined, or All Channel Update)
t9
4.75
9.7
ns
SYNC Falling Edge to SCLK Fall Ignore
t10
4.85
5.45
ns
LDAC Pulse Width Low
t11
41.25
25
ns
SCLK Falling Edge to LDAC Rising Edge
t12
26.35
20.3
ns
SCLK Falling Edge to LDAC Falling Edge
t13
4.8
6.2
ns
RESET Minimum Pulse Width Low
t14
132
80
ns
RESET Pulse Activation Time
5.15
5.18
μs
Power-Up Time1
1
Time to exit power-down to normal mode of AD5672R/AD5676R operation, 32nd clock edge to 90% of DAC midscale value, with output unloaded.
t4
t3
SCLK
SYNC
SDI
t1
t2
t5
t6
t7
t8
DB23
t9
t10
t11
LDAC1
LDAC2
t12
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
RESET
t13
t14
VOUT
DB0
Figure 2. Serial Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com