Electronic Components Datasheet Search
  English  ▼

X  

AD5672R Datasheet(PDF) 27 Page - Analog Devices

Part # AD5672R
Description  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5672R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5672R Datasheet HTML 23Page - Analog Devices AD5672R Datasheet HTML 24Page - Analog Devices AD5672R Datasheet HTML 25Page - Analog Devices AD5672R Datasheet HTML 26Page - Analog Devices AD5672R Datasheet HTML 27Page - Analog Devices AD5672R Datasheet HTML 28Page - Analog Devices AD5672R Datasheet HTML 29Page - Analog Devices AD5672R Datasheet HTML 30Page - Analog Devices AD5672R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Data Sheet
AD5672R/AD5676R
Rev. B | Page 27 of 34
READBACK OPERATION
Readback mode is invoked through a software executable
readback command. If the SDO output is disabled via the daisy-
chain mode disable bit in the control register, it is automatically
enabled for the duration of the read operation, after which it is
disabled again. Command 1001 is reserved for the readback
function. This command, in association with the address bits
A3 to A0, selects the DAC input register to read (see Table 10
and Table 11). Note that, during readback, only one input
register can be selected. The remaining data bits in the write
sequence are don’t care bits. During the next SPI write, the data
appearing on the SDO output contains the data from the
previously addressed register.
For example, to read back the DAC register for Channel 0,
implement the following sequence:
1. Write 0x900000 to the AD5672R/AD5676R input register.
This configures the device for read mode with the DAC
register of Channel 0 selected. Note that all data bits, DB15
to DB0, are don’t care bits.
2. Follow this with a second write, a no operation (NOP)
condition, 0x000000. During this write, the data from the
register is clocked out on the SDO line. DB23 to DB20
contain undefined data, and the last 16 bits contain the
DB19 to DB4 DAC register contents.
When SYNC is high, the SDO pin is driven by a weak latch that
holds the last data bit. The SDO pin can be overdriven by the
SDO pin of another device, thus allowing multiple devices to be
read using the same SPI interface.
POWER-DOWN OPERATION
The AD5672R/AD5676R contain two separate power-down
modes. Command 0100 is designated for the power-down
function (see Table 10). These power-down modes are software
programmable by setting 16 bits, Bit DB15 to Bit DB0, in the
input shift register. There are two bits associated with each DAC
channel. Table 13 shows how the state of the two bits corresponds
to the mode of operation of the device.
Any or all DACs (DAC A to DAC D) power down to the
selected mode by setting the corresponding bits. See Table 14
for the contents of the input shift register during the power-
down/power-up operation.
Table 13. Modes of Operation
Operating Mode
PD1
PD0
Normal Operation
0
0
Power-Down Modes
1 kΩ to GND
0
1
Tristate
1
1
When both Bit PD1 and Bit PD0 in the input shift register are set to
0, the device works normally with a typical power consumption of
1 mA at 5 V. However, for the two power-down modes, the
supply current typically falls to 1 µA. In addition to this fall, the
output stage switches internally from the amplifier output to a
resistor network of known values. This has the advantage that the
output impedance of the devices is known while the devices are
in power-down mode. There are two different power-down
options. The output is either connected internally to GND
through a 1 kΩ resistor or it is left open-circuited (tristate).
Figure 63 shows the output stage.
RESISTOR
NETWORK
VOUT
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 63. Output Stage During Power-Down
The bias generator, output amplifier, resistor string, and other
associated linear circuitry shut down when power-down mode is
activated. However, the contents of the DAC register are unaffected
when in power-down. The DAC register updates while the device
is in power-down mode. The time required to exit power-down is
typically 2.5 µs for VDD = 5 V.
To reduce the current consumption further, power off the on-chip
reference. See the Internal Reference Setup section.
Table 14. 24-Bit Input Shift Register Contents of Power-Down/Power-Up Operation
[DB23:DB20]
DB19
[DB18:DB16]
DAC 7
DAC 6
DAC 5
DAC 4
DAC 3
DAC 2
DAC 1
DAC 0
[DB15: B14]
[DB13: B12]
[DB11: B10]
[DB9:DB8]
[DB7:DB6]
[DB5:DB4]
[DB3:DB2]
[DB1:DB0]
0100
0
XXX1
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
1
X means don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com