Electronic Components Datasheet Search
  English  ▼

X  

AD5672R Datasheet(PDF) 25 Page - Analog Devices

Part # AD5672R
Description  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5672R Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5672R Datasheet HTML 21Page - Analog Devices AD5672R Datasheet HTML 22Page - Analog Devices AD5672R Datasheet HTML 23Page - Analog Devices AD5672R Datasheet HTML 24Page - Analog Devices AD5672R Datasheet HTML 25Page - Analog Devices AD5672R Datasheet HTML 26Page - Analog Devices AD5672R Datasheet HTML 27Page - Analog Devices AD5672R Datasheet HTML 28Page - Analog Devices AD5672R Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Data Sheet
AD5672R/AD5676R
Rev. B | Page 25 of 34
SERIAL INTERFACE
The AD5672R/AD5676R use a 3-wire serial interface (SYNC,
SCLK, and SDI that is compatible with SPI, QSPI™, and
MICROWIRE interface standards, as well as most DSPs. See
Figure 2 for a timing diagram of a typical write sequence. The
AD5672R/AD5676R contain an SDO pin to allow the user to
daisy-chain multiple devices together (see the Daisy-Chain
Operation section) or for readback.
Input Shift Register
The input shift register of the AD5672R/AD5676R is 24 bits
wide. Data is loaded MSB first (DB23), and the first four bits are
the command bits, C3 to C0 (see Table 10), followed by the 4-
bit DAC address bits, A3 to A0 (see Table 11), and finally, the
bit data-word.
The data-word comprises 12-bit or 16-bit input code, followed by
zero or four don’t care bits for the AD5676R and AD5672R,
respectively (see Figure 60 and Figure 61). These data bits are
transferred to the input register on the 24 falling edges of SCLK
and are updated on the rising edge of SYNC.
Commands execute on individual DAC channels, combined DAC
channels, or on all DACs, depending on the address bits selected.
Table 10. Command Definitions
Command
C3
C2
C1
C0
Description
0
0
0
0
No operation
0
0
0
1
Write to Input Register n where n = 1 to 8,
depending on the DAC selected from the
address bits in Table 11 (dependent
on LDAC)
0
0
1
0
Update DAC Register n with contents of
Input Register n
0
0
1
1
Write to and update DAC Channel n
0
1
0
0
Power down/power up the DAC
0
1
0
1
Hardware LDAC mask register
0
1
1
0
Software reset (power-on reset)
0
1
1
1
Internal reference and gain setup register
1
0
0
0
Set up the DCEN register (daisy-chain
enable)
1
0
0
1
Set up the readback register (readback
enable)
1
0
1
0
Update all channels of the input register
simultaneously with the input data
1
0
1
1
Update all channels of the DAC register
and input register simultaneously with
the input data
1
1
0
0
Reserved
…
…
…
…
1
1
1
1
Reserved
Table 11. Address Commands
Channel Address[3:0]
Selected Channel1
A3
A2
A1
A0
0
0
0
0
DAC 0
0
0
0
1
DAC 1
0
0
1
0
DAC 2
0
0
1
1
DAC 3
0
1
0
0
DAC 4
0
1
0
1
DAC 5
0
1
1
0
DAC 6
0
1
1
1
DAC 7
1
Any combination of DAC channels can be selected using the address bits.
DB23 (MSB)
C3
C2
C1
C0
A3
A2
A1
A0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
COMMAND BITS
ADDRESS BITS
DATA BITS
DB0 (LSB)
Figure 60. AD5672R Input Shift Register Content
DB23 (MSB)
DB0 (LSB)
C3
C2
C1
C0
D11
D10
D9
D8
D15
D14
D13
D12
D7
D6
D5
D4
D3
D2
D1
D0
COMMAND BITS
ADDRESS BITS
DATA BITS
A3
A2
A1
A0
Figure 61. AD5676R Input Shift Register Content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com