Electronic Components Datasheet Search
  English  ▼

X  

AD5672R Datasheet(PDF) 24 Page - Analog Devices

Part # AD5672R
Description  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5672R Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5672R Datasheet HTML 20Page - Analog Devices AD5672R Datasheet HTML 21Page - Analog Devices AD5672R Datasheet HTML 22Page - Analog Devices AD5672R Datasheet HTML 23Page - Analog Devices AD5672R Datasheet HTML 24Page - Analog Devices AD5672R Datasheet HTML 25Page - Analog Devices AD5672R Datasheet HTML 26Page - Analog Devices AD5672R Datasheet HTML 27Page - Analog Devices AD5672R Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
AD5672R/AD5676R
Data Sheet
Rev. B | Page 24 of 34
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER
The AD5672R/AD5676R are octal, 12-/16-bit, serial input,
voltage output DACs with an internal reference. The devices
operate from supply voltages of 2.7 V to 5.5 V. Data is written to
the AD5672R/AD5676R in a 24-bit word format via a 3-wire
serial interface. The AD5672R/AD5676R incorporate a power-
on reset circuit to ensure that the DAC output powers up to a
known output state. The devices also have a software power-
down mode that reduces the typical current consumption to 1 µA.
TRANSFER FUNCTION
The internal reference is on by default.
The gain of the output amplifier can be set to ×1 or ×2 using the
gain select pin (GAIN) on the TSSOP or the gain bit on the LFCSP.
When the GAIN pin is tied to GND, all eight DAC outputs have
a span from 0 V to VREF. When the GAIN pin is tied to VLOGIC,
all eight DACs output a span of 0 V to 2 × VREF. When using the
LFCSP, the gain bit in the internal reference and gain setup
register is used to set the gain of the output amplifier. The gain
bit is 0 by default. When the gain bit is 0, the output span of all
eight DACs is 0 V to VREF. When the gain bit is 1, the output span
of all eight DACs is 0 V to 2 × VREF. The gain bit is ignored on
the TSSOP.
DAC ARCHITECTURE
The AD5672R/AD5676R implement a segmented string DAC
architecture with an internal output buffer. Figure 58 shows the
internal block diagram.
INPUT
REGISTER
2.5V
REF
DAC
REGISTER
RESISTOR
STRING
REF (+)
REF (–)
VREF
VOUTX
GND
GAIN
(GAIN = 1 OR 2)
Figure 58. Single DAC Channel Architecture Block Diagram
Figure 59 shows the resistor string structure. The code loaded to
the DAC register determines the node on the string where the
voltage is tapped off and fed into the output amplifier. The voltage
is tapped off by closing one of the switches and connecting the
string to the amplifier. Because each resistance in the string has
same value, R, the string DAC is guaranteed monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
VREF
Figure 59. Resistor String Structure
Internal Reference
The AD5672R/AD5676R on-chip reference is enabled at power-
up, but can be disabled via a write to the control register. See the
Internal Reference Setup section for details.
The AD5672R/AD5676R have a 2.5 V, 2 ppm/°C reference, giving
a full-scale output of 2.5 V or 5 V, depending on the state of the
GAIN pin or gain bit. The internal reference associated with the
device is available at the VREFOUT pin. This buffered reference is
capable of driving external loads of up to 15 mA.
Output Amplifiers
The output buffer amplifier generates rail-to-rail voltages on its
output. The actual range depends on the value of VREF, the gain
setting, the offset error, and the gain error.
The output amplifiers can drive a load of 1 kΩ in parallel with
10 nF to GND. The slew rate is 0.8 V/µs with a typical ¼ to ¾
scale settling time of 5 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com