Electronic Components Datasheet Search
  English  ▼

X  

AD5672R Datasheet(PDF) 11 Page - Analog Devices

Part # AD5672R
Description  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5672R Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5672R Datasheet HTML 7Page - Analog Devices AD5672R Datasheet HTML 8Page - Analog Devices AD5672R Datasheet HTML 9Page - Analog Devices AD5672R Datasheet HTML 10Page - Analog Devices AD5672R Datasheet HTML 11Page - Analog Devices AD5672R Datasheet HTML 12Page - Analog Devices AD5672R Datasheet HTML 13Page - Analog Devices AD5672R Datasheet HTML 14Page - Analog Devices AD5672R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Data Sheet
AD5672R/AD5676R
Rev. B | Page 11 of 34
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VLOGIC to GND
−0.3 V to +7 V
VOUTx to GND
−0.3 V to VDD + 0.3 V
VREF to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to VLOGIC + 0.3 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
125°C
Reflow Soldering Peak Temperature,
Pb-Free (J-STD-020)
260°C
ESD Ratings
Human Body Model (HBM)
2 kV
Field-Induced Charged Device Model
(FICDM)
1.5 kV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
The design of the thermal board requires close attention. Thermal
resistance is highly impacted by the printed circuit board (PCB)
being used, layout, and environmental conditions.
Table 8. Thermal Resistance
Package Type
θJA
θJB
θJC
ΨJT
ΨJB
Unit
20-Lead TSSOP
(RU-20)1
98.65
44.39
17.58
1.77
43.9
°C/W
20-Lead LFCSP
(CP-20-8)2
82
16.67
32.5
0.43
22
°C/W
1
Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board. See JEDEC JESD51
2
Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board with nine thermal vias. See JEDEC JESD51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com