Electronic Components Datasheet Search
  English  ▼

X  

AD5672R Datasheet(PDF) 16 Page - Analog Devices

Part # AD5672R
Description  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5672R Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5672R Datasheet HTML 12Page - Analog Devices AD5672R Datasheet HTML 13Page - Analog Devices AD5672R Datasheet HTML 14Page - Analog Devices AD5672R Datasheet HTML 15Page - Analog Devices AD5672R Datasheet HTML 16Page - Analog Devices AD5672R Datasheet HTML 17Page - Analog Devices AD5672R Datasheet HTML 18Page - Analog Devices AD5672R Datasheet HTML 19Page - Analog Devices AD5672R Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
AD5672R/AD5676R
Data Sheet
Rev. B | Page 16 of 34
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
FULL-SCALE ERROR
GAIN ERROR
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 26. AD5672R Gain Error and Full-Scale Error vs. Temperature
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
FULL-SCALE ERROR
GAIN ERROR
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 27. AD5676R Gain Error and Full-Scale Error vs. Supply Voltage
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
FULL-SCALE ERROR
GAIN ERROR
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 28. AD5672R Gain Error and Full-Scale Error vs. Supply Voltage
–0.6
–0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
OFFSET ERROR
ZERO CODE ERROR
Figure 29. AD5676R Zero Code Error and Offset Error vs. Temperature
–0.6
–0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
OFFSET ERROR
ZERO CODE ERROR
Figure 30. AD5672R Zero Code Error and Offset Error vs. Temperature
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
OFFSET ERROR
ZERO CODE ERROR
Figure 31. AD5676R Zero Code Error and Offset Error vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com