Electronic Components Datasheet Search
  English  ▼

X  

AD5672R Datasheet(PDF) 22 Page - Analog Devices

Part # AD5672R
Description  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5672R Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5672R Datasheet HTML 18Page - Analog Devices AD5672R Datasheet HTML 19Page - Analog Devices AD5672R Datasheet HTML 20Page - Analog Devices AD5672R Datasheet HTML 21Page - Analog Devices AD5672R Datasheet HTML 22Page - Analog Devices AD5672R Datasheet HTML 23Page - Analog Devices AD5672R Datasheet HTML 24Page - Analog Devices AD5672R Datasheet HTML 25Page - Analog Devices AD5672R Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
AD5672R/AD5676R
Data Sheet
Rev. B | Page 22 of 34
TERMINOLOGY
Relative Accuracy or Integral Nonlinearity (INL)
For the DAC, relative accuracy or integral nonlinearity is a
measurement of the maximum deviation, in LSBs, from a straight
line passing through the endpoints of the DAC transfer function.
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of ±1 LSB maximum
ensures monotonicity. These DACs are guaranteed monotonic
by design.
Zero Code Error
Zero code error is a measurement of the output error when zero
code (0x0000) is loaded to the DAC register. The ideal output is
0 V. The zero code error is always positive because the output of
the DAC cannot go below 0 V due to a combination of the offset
errors in the DAC and the output amplifier. Zero code error is
expressed in mV.
Full-Scale Error
Full-scale error is a measurement of the output error when full-
scale code (0xFFFF) is loaded to the DAC register. The ideal
output is VDD − 1 LSB. Full-scale error is expressed in percent of
full-scale range (% of FSR).
Gain Error
Gain error is a measure of the span error of the DAC. It is the
deviation in slope of the DAC transfer characteristic from the
ideal expressed as % of FSR.
Offset Error Drift
Offset error drift is a measurement of the change in offset error
with a change in temperature. It is expressed in µV/°C.
Offset Error
Offset error is a measure of the difference between VOUT (actual)
and VOUT (ideal) expressed in mV in the linear region of the
transfer function. Offset error is measured with Code 256
loaded in the DAC register. It can be negative or positive.
DC Power Supply Rejection Ratio (PSRR)
The dc power supply rejection ratio indicates how the output of
the DAC is affected by changes in the supply voltage. PSRR is
the ratio of the change in VOUT to a change in VDD for full-scale
output of the DAC. It is measured in mV/V. VREF is held at 2 V,
and VDD is varied by ±10%.
Output Voltage Settling Time
The output voltage settling time is the amount of time it takes
for the output of a DAC to settle to a specified level for a ¼ to ¾
full-scale input change and is measured from the rising edge
of SYNC.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. It is normally specified as the area of the glitch in nV-sec,
and is measured when the digital input code is changed by
1 LSB at the major carry transition (0x7FFF to 0x8000).
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into the
analog output of the DAC from the digital inputs of the DAC,
but is measured when the DAC output is not updated. It is
specified in nV-sec, and measured with a full-scale code change
on the data bus, that is, from all 0s to all 1s and vice versa.
Reference Feedthrough
Reference feedthrough is the ratio of the amplitude of the signal
at the DAC output to the reference input when the DAC output
is not being updated. It is expressed in dB.
Noise Spectral Density
Noise spectral density is a measurement of the internally
generated random noise. Random noise is characterized as a
spectral density (nV/√Hz). It is measured by loading the DAC
to midscale and measuring noise at the output. It is measured in
nV/√Hz.
DC Crosstalk
DC crosstalk is the dc change in the output level of one DAC in
response to a change in the output of another DAC. It is measured
with a full-scale output change on one DAC (or soft power-down
and power-up) while monitoring another DAC kept at midscale. It
is expressed in μV.
DC crosstalk due to load current change is a measure of the
impact that a change in load current on one DAC has on
another DAC kept at midscale. It is expressed in μV/mA.
Digital Crosstalk
Digital crosstalk is the glitch impulse transferred to the output
of one DAC at midscale in response to a full-scale code change
(all 0s to all 1s and vice versa) in the input register of another
DAC. It is measured in standalone mode and is expressed in
nV-sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com