Electronic Components Datasheet Search
  English  ▼

X  

AD5672R Datasheet(PDF) 19 Page - Analog Devices

Part # AD5672R
Description  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5672R Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5672R Datasheet HTML 15Page - Analog Devices AD5672R Datasheet HTML 16Page - Analog Devices AD5672R Datasheet HTML 17Page - Analog Devices AD5672R Datasheet HTML 18Page - Analog Devices AD5672R Datasheet HTML 19Page - Analog Devices AD5672R Datasheet HTML 20Page - Analog Devices AD5672R Datasheet HTML 21Page - Analog Devices AD5672R Datasheet HTML 22Page - Analog Devices AD5672R Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Data Sheet
AD5672R/AD5676R
Rev. B | Page 19 of 34
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
0.003
0.004
15
16
17
18
19
20
21
22
TIME (µs)
VDD = 5V
GAIN = 1
TD = 25°C
REFERENCE = 2.5V
CODE = 7FFF TO 8000
ENERGY = 1.209376nV-s
Figure 44. Digital-to-Analog Glitch Impulse
–0.006
–0.005
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
0.003
0
2
4
6
8
10
12
14
16
18
20
TIME (µs)
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 5
CHANNEL 6
CHANNEL 7
Figure 45. Analog Crosstalk
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
0.010
0.012
0
2
4
6
8
10
12
14
16
18
20
TIME (µs)
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 5
CHANNEL 6
CHANNEL 7
Figure 46. DAC-to-DAC Crosstalk
CH1 50.0mV
M1.00s
A CH1
401mV
2
1
Figure 47. 0.1 Hz to 10 Hz Output Noise
0
200
400
600
800
1000
1200
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
GAIN = 1
INTERNAL REFERENCE = 2.5V
FULL SCALE
MID SCALE
ZERO SCALE
Figure 48. Noise Spectral Density (NSD)
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
2
4
6
8
10
12
14
16
18
20
FREQUENCY (kHz)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 49. Total Harmonic Distortion (THD) at 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com