Electronic Components Datasheet Search
  English  ▼

X  

AD5672R Datasheet(PDF) 18 Page - Analog Devices

Part # AD5672R
Description  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5672R Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5672R Datasheet HTML 14Page - Analog Devices AD5672R Datasheet HTML 15Page - Analog Devices AD5672R Datasheet HTML 16Page - Analog Devices AD5672R Datasheet HTML 17Page - Analog Devices AD5672R Datasheet HTML 18Page - Analog Devices AD5672R Datasheet HTML 19Page - Analog Devices AD5672R Datasheet HTML 20Page - Analog Devices AD5672R Datasheet HTML 21Page - Analog Devices AD5672R Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
AD5672R/AD5676R
Data Sheet
Rev. B | Page 18 of 34
–40
–20
0
20
40
60
80
100
120
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TEMPERATURE (°C)
FULL-SCALE
ZERO CODE
EXTERNAL REFERENCE, FULL-SCALE
Figure 38. Supply Current (IDD) vs. Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
FULL-SCALE
ZERO CODE
EXTERNAL REFERENCE, FULL-SCALE
Figure 39. Supply Current (IDD) vs. Supply Voltage
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
ZERO CODE
FULL-SCALE
EXTERNAL REFERENCE, FULL-SCALE
Figure 40. Supply Current (IDD) vs. Zero Code and Full-Scale
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
80
100
120
140
160
180
200
TIME (µs)
DAC 1
DAC 2
DAC 3
DAC 4
DAC 5
DAC 5
DAC 7
DAC 8
VDD = 5.5V
GAIN = +1
INTERNAL REFERENCE = 2.5V
1/4 TO 3/4 SCALE
Figure 41. Full-Scale Settling Time
–0.001
0
0.001
0.002
0.003
0.004
0.005
0.006
–1
0
1
2
3
4
5
6
0
2
4
6
8
10
TIME (ms)
VDD (V)
VOUT0 (V)
VOUT1 (V)
VOUT2 (V)
VOUT3 (V)
VOUT4 (V)
VOUT5 (V)
VOUT6 (V)
VOUT7 (V)
Figure 42. Power-On Reset to 0 V and Midscale
0
0.5
1.0
1.5
2.0
2.5
3.0
–5
0
5
10
TIME (µs)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
MIDSCALE, GAIN = 2
MIDSCALE, GAIN = 1
Figure 43. Exiting Power-Down to Midscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com