Electronic Components Datasheet Search
  English  ▼

X  

AD5672R Datasheet(PDF) 30 Page - Analog Devices

Part # AD5672R
Description  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5672R Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5672R Datasheet HTML 26Page - Analog Devices AD5672R Datasheet HTML 27Page - Analog Devices AD5672R Datasheet HTML 28Page - Analog Devices AD5672R Datasheet HTML 29Page - Analog Devices AD5672R Datasheet HTML 30Page - Analog Devices AD5672R Datasheet HTML 31Page - Analog Devices AD5672R Datasheet HTML 32Page - Analog Devices AD5672R Datasheet HTML 33Page - Analog Devices AD5672R Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Data Sheet
AD5672R/AD5676R
Rev. B | Page 30 of 34
THERMAL HYSTERESIS
Thermal hysteresis is the voltage difference induced on the
reference voltage by sweeping the temperature from ambient to
cold, to hot, and then back to ambient.
Figure 67 shows thermal hysteresis data. It is measured by
sweeping the temperature from ambient to −40°C, then to
+125°C, and returning to ambient. The VREF delta, shown in
blue in Figure 67, is then measured between the two ambient
measurements. The same temperature sweep and measurements
were immediately repeated and the results are shown in red in
Figure 67.
0
1
2
3
–130 –110
–90
–70
–50
–30
–10
10
30
50
70
DISTORTION (ppm)
FIRST TEMPERATURE SWEEP
SUBSEQUENT TEMPERATURE SWEEPS
Figure 67. Thermal Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com