Electronic Components Datasheet Search
  English  ▼

X  

AD7402 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7402
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7402 Datasheet(HTML) 4 Page - Analog Devices

  AD7402 Datasheet HTML 1Page - Analog Devices AD7402 Datasheet HTML 2Page - Analog Devices AD7402 Datasheet HTML 3Page - Analog Devices AD7402 Datasheet HTML 4Page - Analog Devices AD7402 Datasheet HTML 5Page - Analog Devices AD7402 Datasheet HTML 6Page - Analog Devices AD7402 Datasheet HTML 7Page - Analog Devices AD7402 Datasheet HTML 8Page - Analog Devices AD7402 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7402
Data Sheet
Rev. A | Page 4 of 20
TIMING SPECIFICATIONS
VDD1 = 4.5 V to 5.5 V, VDD2 = 3 V to 5.5 V, TA = −40°C to +105°C, unless otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Description
fMCLKOUT2
9.4
10
10.6
MHz
Master clock output frequency
t13
±10
ns
Data access time after MCLKOUT rising edge
t23
44
ns
Data hold time after MCLKOUT falling edge
t3
33
ns
Master clock low time
t4
33
ns
Master clock high time
1 Sample tested during initial release to ensure compliance.
2 Mark space ratio for clock output is 45/55 to 55/45.
3 Defined as the time required for the output to cross 0.8 V or 2.0 V for VDD2 = 3 V to 3.6 V, or when the output crosses 0.8 V or 0.7 × VDD2 for VDD2 = 4.5 V to 5.5 V, as
outlined in Figure 2. Measured with a ±200 μA load and a 25 pF load capacitance.
Figure 2. Data Timing
1 SEE NOTE 3 OF TABLE 2 FOR FURTHER DETAILS.
MDAT
MCLKOUT
2.0V OR 0.7V × VDD21
2.0V OR 0.7V × VDD21
t4
t1
t2
t3
0.8V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com