Electronic Components Datasheet Search
  English  ▼

X  

AD7402 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7402
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7402 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7402 Datasheet HTML 12Page - Analog Devices AD7402 Datasheet HTML 13Page - Analog Devices AD7402 Datasheet HTML 14Page - Analog Devices AD7402 Datasheet HTML 15Page - Analog Devices AD7402 Datasheet HTML 16Page - Analog Devices AD7402 Datasheet HTML 17Page - Analog Devices AD7402 Datasheet HTML 18Page - Analog Devices AD7402 Datasheet HTML 19Page - Analog Devices AD7402 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD7402
Data Sheet
Rev. A | Page 20 of 20
OUTLINE DIMENSIONS
Figure 40. 8-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
Wide Body
(RI-8-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Package Description
Package
Option
AD7402-8BRIZ
−40°C to +105°C
8-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
RI-8-1
AD7402-8BRIZ-RL
−40°C to +105°C
8-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
RI-8-1
AD7402-8BRIZ-RL7
−40°C to +105°C
8-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
RI-8-1
EVAL-AD7402-8FMCZ
Evaluation Board
1
Z = RoHS Compliant Part.
8
5
4
1
SEATING
PLANE
COPLANARITY
0.10
1.27 BSC
1.04
BSC
6.05
5.85
5.65
7.60
7.50
7.40
2.65
2.50
2.35
0.75
0.58
0.40
0.30
0.20
0.10
2.45
2.35
2.25
10.51
10.31
10.11
0.51
0.41
0.31
PIN 1
MARK
8°
0°
0.33
0.27
0.20
0.75
0.50
0.25
45°
©2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12898-0-6/15(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com