Electronic Components Datasheet Search
  English  ▼

X  

AD7402 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7402
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7402 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7402 Datasheet HTML 12Page - Analog Devices AD7402 Datasheet HTML 13Page - Analog Devices AD7402 Datasheet HTML 14Page - Analog Devices AD7402 Datasheet HTML 15Page - Analog Devices AD7402 Datasheet HTML 16Page - Analog Devices AD7402 Datasheet HTML 17Page - Analog Devices AD7402 Datasheet HTML 18Page - Analog Devices AD7402 Datasheet HTML 19Page - Analog Devices AD7402 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD7402
Rev. A | Page 17 of 20
The following Verilog code provides an example of a sinc3 filter
implementation on a Xilinx® Spartan®-6 FPGA. Note that the
data is read on the negative clock edge. It is recommended to
read in the data on the negative clock edge. The code is
configurable to accommodate decimation rates from 32 to 4096.
module dec256sinc24b
(
input mclk1,
/* used to clk filter */
input reset,
/* used to reset filter */
input mdata1, /* input data to be filtered
*/
output reg [15:0] DATA, /* filtered output
*/
output reg data_en,
input [15:0] dec_rate
);
/* Data is read on negative clk edge */
reg [36:0] ip_data1;
reg [36:0] acc1;
reg [36:0] acc2;
reg [36:0] acc3;
reg [36:0] acc3_d2;
reg [36:0] diff1;
reg [36:0] diff2;
reg [36:0] diff3;
reg [36:0] diff1_d;
reg [36:0] diff2_d;
reg [15:0] word_count;
reg word_clk;
reg enable;
/*Perform the Sinc action*/
always @ (mdata1)
if(mdata1==0)
ip_data1 <= 37'd0;
/* change 0 to a -1 for twos
complement */
else
ip_data1 <= 37'd1;
/*Accumulator (Integrator)
Perform the accumulation (IIR) at the speed
of the modulator.
Z = one sample delay MCLKOUT = modulators
conversion bit rate */
Figure 32. Accumulator
always @ (negedge mclk1, posedge reset)
begin
if (reset)
begin
/* initialize acc registers on reset
*/
acc1 <= 37'd0;
acc2 <= 37'd0;
acc3 <= 37'd0;
end
else
begin
/*perform accumulation process */
acc1 <= acc1 + ip_data1;
acc2 <= acc2 + acc1;
acc3 <= acc3 + acc2;
end
end
/*decimation stage (MCLKOUT/WORD_CLK) */
always @ (negedge mclk1, posedge reset)
begin
if (reset)
word_count <= 16'd0;
else
begin
if ( word_count == dec_rate -
1 )
word_count <= 16'd0;
else
word_count <= word_count
+ 16'b1;
end
end
always @ ( negedge mclk1, posedge reset )
begin
if ( reset )
word_clk <= 1'b0;
else
begin
if ( word_count == dec_rate/2 -
1 )
word_clk <= 1'b1;
else if ( word_count ==
dec_rate - 1 )
word_clk <= 1'b0;
end
end
/*Differentiator (including decimation
stage)
Perform the differentiation stage (FIR) at a
lower speed.
Z = one sample delay WORD_CLK = output word
rate */
Figure 33. Differentiator
always @ (negedge word_clk, posedge reset)
begin
if(reset)
begin
acc3_d2 <= 37'd0;
diff1_d <= 37'd0;
diff2_d <= 37'd0;
MCLKIN
IP_DATA1
ACC1+
ACC2+
ACC3+
+
Z
+
Z
+
Z
WORD_CLK
ACC3
DIFF1
DIFF3
+
–
+
–
DIFF2
Z–1
–
+
–
Z–1
Z–1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com