Electronic Components Datasheet Search
  English  ▼

X  

AD7402 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7402
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7402 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7402 Datasheet HTML 7Page - Analog Devices AD7402 Datasheet HTML 8Page - Analog Devices AD7402 Datasheet HTML 9Page - Analog Devices AD7402 Datasheet HTML 10Page - Analog Devices AD7402 Datasheet HTML 11Page - Analog Devices AD7402 Datasheet HTML 12Page - Analog Devices AD7402 Datasheet HTML 13Page - Analog Devices AD7402 Datasheet HTML 14Page - Analog Devices AD7402 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD7402
Rev. A | Page 11 of 20
Figure 17. IDD1 vs. VIN+ DC Input at Various Temperatures
Figure 18. IDD2 vs. VDD2 at Various Temperatures
Figure 19. IDD2 vs. VIN+ DC Input at Various Temperatures
Figure 20. IIN+ vs. VIN+ DC Input
Figure 21. Clock Frequency vs. Temperature for Various Supply Voltages
VIN+ DC INPUT (mV)
23.0
23.5
24.0
24.5
25.0
25.5
26.0
26.5
27.0
–250
–125
0
125
250
TA = –40°C
TA = +85°C
TA = +25°C
TA = +105°C
VDD2 (V)
0
1
2
3
4
5
6
7
8
9
10
3.0
3.5
4.0
4.5
5.0
5.5
TA = –40°C
TA = +25°C
TA = +105°C
VIN+ DC INPUT (mV)
4
5
6
–250
–125
0
125
250
TA = –40°C
TA = +25°C
TA = +85°C
TA = +105°C
VIN+ DC INPUT (mV)
–30
–20
–10
0
10
20
30
–320
–240
–160
–80
0
80
160
240
320
TEMPERATURE (°C)
9.6
9.7
9.8
9.9
10
10.1
10.2
10.3
10.4
10.5
VDD1 = 4.5V
VDD1 = 5.0V
VDD1 = 5.5V
–40
–25
–10
5
20
35
50
65
80
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com