Electronic Components Datasheet Search
  English  ▼

X  

AD7402 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7402
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7402 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7402 Datasheet HTML 12Page - Analog Devices AD7402 Datasheet HTML 13Page - Analog Devices AD7402 Datasheet HTML 14Page - Analog Devices AD7402 Datasheet HTML 15Page - Analog Devices AD7402 Datasheet HTML 16Page - Analog Devices AD7402 Datasheet HTML 17Page - Analog Devices AD7402 Datasheet HTML 18Page - Analog Devices AD7402 Datasheet HTML 19Page - Analog Devices AD7402 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
AD7402
Rev. A | Page 19 of 20
POWER SUPPLY CONSIDERATIONS
The AD7402 requires a 5 V VDD1 supply, and there are various
means of achieving this. One method is to use an isolated dc-to-
dc converter such as the ADuM6000. This method provides a 5 V
regulated dc supply across the isolation barrier. Note that the
inherent isolation of the ADuM6000 is lower than the AD7402.
Figure 35. ADuM6000 Isolated 5 V DC-to-DC Regulator Example
Another method is to regulate a dc supply on the high voltage
side of the isolation barrier using a step-down dc-to-dc regulator,
such as the ADP2441.
Figure 36. ADP2441 Step-Down DC-to-DC Regulator Example
GROUNDING AND LAYOUT
It is recommended to decouple the VDD1 supply with a 10 μF
capacitor in parallel with a 1 nF capacitor to GND1. Decouple
the VDD2 supply with a 100 nF value to GND2. In applications
involving high common-mode transients, ensure that board
coupling across the isolation barrier is minimized.
Furthermore, design the board layout so that any coupling that
occurs equally affects all pins on a given component side.
Failure to ensure equal coupling can cause voltage differentials
between pins to exceed the absolute maximum ratings of the
device, thereby leading to latch-up or permanent damage. Place
any decoupling used as close to the supply pins as possible.
Minimize series resistance in the analog inputs to avoid any
distortion effects, especially at high temperatures. If possible,
equalize the source impedance on each analog input to minimize
offset. Check for mismatch and thermocouple effects on the analog
input printed circuit board (PCB) tracks to reduce offset drift.
INSULATION LIFETIME
All insulation structures eventually break down when subjected
to voltage stress over a sufficiently long period. The rate of
insulation degradation is dependent on the characteristics of the
voltage waveform applied across the insulation. In addition to
the testing performed by the regulatory agencies, Analog
Devices carries out an extensive set of evaluations to determine
the lifetime of the insulation structure within the AD7402.
Analog Devices performs accelerated life testing using voltage
levels higher than the rated continuous working voltage.
Acceleration factors for several operating conditions are
determined. These factors allow calculation of the time to
failure at the actual working voltage. The values shown in Table 8
summarize the peak voltage for 20 years of service life for a
bipolar, ac operating condition and the maximum VDE
approved working voltages.
These tests subjected the AD7402 to continuous cross isolation
voltages. To accelerate the occurrence of failures, the selected
test voltages were values exceeding those of normal use. The
time to failure values of these units were recorded and used to
calculate the acceleration factors. These factors were then used
to calculate the time to failure under the normal operating
conditions. The values shown in Table 8 are the lesser of the
following two values:
The value that ensures at least a 20-year lifetime of
continuous use.
The maximum VDE approved working voltage.
Note that the lifetime of the AD7402 varies according to the
waveform type imposed across the isolation barrier. The
iCoupler insulation structure is stressed differently, depending
on whether the waveform is bipolar ac, unipolar ac, or dc.
Figure 37, Figure 38, and Figure 39 illustrate the different
isolation voltage waveforms.
Figure 37. Bipolar AC Waveform, 50 Hz or 60 Hz
Figure 38. Unipolar AC Waveform, 50 Hz or 60 Hz
Figure 39. DC Waveform
5V DIGITAL
ISOLATION
BARRIER
VDD1
VDD2
5V ISO
VDD2
VDD1
5V DIGITAL
5V
4.5V TO 36V
ADP2441
DC-TO-DC
SWITCHING
REGULATOR
ISOLATION
BARRIER
0V
RATED PEAK VOLTAGE
0V
RATED PEAK VOLTAGE
0V
RATED PEAK VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com